Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 24Page - Renesas Technology Corp DA6021 Datasheet HTML 25Page - Renesas Technology Corp DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp DA6021 Datasheet HTML 31Page - Renesas Technology Corp DA6021 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
28 of 224
www.dialog-semiconductor.com
SUSCLK
9.1.25
SUSCLK is the 32.768kHz RTC clock that is supplied from the SoC. It is available to DA6021 about 100ms after
RSMRST_B is de-asserted and continue to be available in S0, S0iX, S3 and S4 state. It is not available if the
platform will be in G3 mode when the suspend voltage rails are disable.
THERMTRIP_B
9.1.26
THERMTRIP_B is an active low dedicated input signal that notifies the PMIC of a SOC thermal event. It is valid
when RSMRST_B=1 and PLTRST_B=1 (de-asserted). Upon sensing the THERMTRIP_B signal has transitioned
low, the PMIC shuts down all rails immediately (hard shutdown, not waiting for SLP_S*_B signals from the SOC
to execute a Cold Off power down sequence). To avoid spurious detection during power sequencing, the
THERMTRIP_B signal is only sampled if PLTRST_B is de-asserted. THERMTRIP has internal pull-up.
PROCHOT_B
9.1.27
PROCHOT_B is an active low dedicated output signal used to notify the SOC of a PMIC, battery or system
thermal event. PROCHOT_B will be asserted when the PMIC temperature, battery temperature or system
temperature has crossed the alert thresholds define in the thermal monitoring section. It will also assert when
battery voltage drops to the threshold set in SVTM. PROCHOT_B is asserted if the PMIC die temperature rises
above the internally set alert threshold, for example 110°C, to prevent the PMIC from reaching critical
temperature. It is valid when RSMRST_B=1 and PLTRST_B=1 (de-asserted). The SOC will go into a lower
power state until the PMIC thermal event is cleared and the pin is de-asserted. PROCHOT_B has internal pull-
up.
SDMMC3_1P8_EN
9.1.28
SDMMC3_1P8_EN is a dedicated input signal from the SOC to select 1.8V or 3.3V for SD card.
SDMMC3_1P8_EN=1 to select 1.8V for SD card.
SDMMC3_1P8_EN=0 to select 3.3V for SD card.
It is valid when RSMRST_B=1 (de-asserted) and COREPWROK=1 (asserted).
SDMMC3_PWR_EN_B
9.1.29
SDMM3_PWR_EN_B is an active low dedicated output signal to enable SD card power. It is valid when
RSMRST_B=1 (de-asserted) and COREPWROK=1 (asserted).
MODEM_OFF_B
9.1.30
SDWN_B
9.1.31
The SDWN_B (Shut-Down Warning) signal is sent by the PMIC to the modem as a warning that a system
shutdown event is about to take place.
The SDWN_B signal is asserted (set low) during power down Task Lists. If the PMIC enters a catastrophic
shutdown condition which would normally bypass a Cold Off Task List being run, the SDWN_B pin must be
asserted a minimum of 900us prior to this catastrophic shutdown commencing. The nominal voltage of SDWN_B
is 0V when asserted, 1.8V when de-asserted.
USBRST_B
9.1.32
USBRST_B is an active low dedicated output signal to reset the USB PHY. The minimum pulse is 100µs when
asserted. The nominal voltage of USBRST_B is 0V when asserted, 1.8V when de-asserted.
GPIOs
9.1.33
9.1.33.1
Low Voltage GPIOs
GPIO0P1_BATIDIN:
Battery ID input signal from SOC for digital battery communication. Optional function multiplexed with low
voltage GPIO0P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com