Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 82Page - Renesas Technology Corp DA6021 Datasheet HTML 83Page - Renesas Technology Corp DA6021 Datasheet HTML 84Page - Renesas Technology Corp DA6021 Datasheet HTML 85Page - Renesas Technology Corp DA6021 Datasheet HTML 86Page - Renesas Technology Corp DA6021 Datasheet HTML 87Page - Renesas Technology Corp DA6021 Datasheet HTML 88Page - Renesas Technology Corp DA6021 Datasheet HTML 89Page - Renesas Technology Corp DA6021 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
86 of 224
www.dialog-semiconductor.com
Figure 33: V1P0A Efficiency
11.6.3.3
V1P0A Registers
Register Name
V1P0A_CTRL
Address
0x55
Page 1
Read/Write
Reset Value
0x60
MSB
LSB
R/W
R/W
R/W
R
R
R/W
R/W
R/W
V1P0A_VSEL
reserved
NoS0iX
V1P0A_
SEL
V1P0A_EN
V1P0A_EN
0
1
V1P0A off
V1P0A on
V1P0A_SEL
0
1
V1P0A controlled by SUSPWRDNACK according to sequencing
V1P0A controlled by V1P0A_CTRL.V1P0A_EN
Regardless of V1P0A_EN and V1P0A_SEL, V1P0A is disabled
when SUSPWRDNNACK is de-asserted means high
NoS0iX
0
1
V1P0A active state or S0iX state is determined by SLP_S0iX_B
V1P0A only operate at active state, no S0iX, regardless of
SLP_S0iX_B
V1P0A_VSEL
000
001
010
011
100
101
110
111
0.900V
0.950V
1.000V
1.010V
1.020V
1.030V
1.050V
1.100V
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0,0
0,5
1,0
1,5
2,0
2,5
Output Current [A]
V1P0A Efficiency vs. output current, Vin = 3.7V, Vout = 1.00V, Auto Mode
Vin = 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com