Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 69Page - Renesas Technology Corp DA6021 Datasheet HTML 70Page - Renesas Technology Corp DA6021 Datasheet HTML 71Page - Renesas Technology Corp DA6021 Datasheet HTML 72Page - Renesas Technology Corp DA6021 Datasheet HTML 73Page - Renesas Technology Corp DA6021 Datasheet HTML 74Page - Renesas Technology Corp DA6021 Datasheet HTML 75Page - Renesas Technology Corp DA6021 Datasheet HTML 76Page - Renesas Technology Corp DA6021 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
73 of 224
www.dialog-semiconductor.com
SVID Command Set
11.5.4
VCC & VNN implement a subset of the full VR12/IMVP7 SVID protocol
#
Command
Master
payload
content
Slave
payload
content
Description
01h
SetVID-fast
(Individual
address & all
call address)
VID code
NA
Applicable for VCC & VNN. Set the new VID target, VR
Jumps to new VID target with controlled (up or down)
slew rate programmed by the VR. When VR receives
VID moving up command it will exit all low power states
to the normal state to ensure the fastest slew to the
new voltage. VR sets VR_settled bit and issues alert
when VR has reached new VID target.
02h
SetVID-slow
(Individual
address & all
call address)
VID code
NA
Applicable for VCC & VNN. Set the VID target, VR
Jumps to new VID target with controlled slew rate (up
or down) programmed by the VR. When VR receives
VID moving up command it will exit all low power states
to the normal state. VR sets VR_settled and issues
alert when VR has reached new VID target.
03h
SetVID-decay
(Individual
address & all
call address)
VID code
NA
Applicable for VCC & VNN. Sets the VID target, VR
jumps to new VID target, but does not control
the slew rate, the output voltage decays at a rate
proportional to the load current. SetVID_decay is
only used in VID down direction and implies VR
goes to PS2 state. VR sets VR_settled but Alert line is
not asserted for SetVID-decay
04h
SetPS
Byte
indicating
power
status of
voltage
rail
NA
Only applicable for VCC. SoC sets the power state of
the VR according to core P-state and C-state so
that VCC VR controller can be configured to improve
efficiency, especially at light load
05h
SetRegADR
(Individual
address only.
NAK all call
address)
Address of
the index
in the data
table
NA
Sets the address pointer in the data register table.
Typically the next command SetRegDAT is the payload
that gets loaded into this address. However for multiple
writes to the same address, only one SetRegADR is
needed.
06h.
SetRegDAT
(Individual
address only.
NAK all call
address)
New data
register
contents
NA
Writes the contents to the data register that was
previously identified by the address pointer with
SetRegADR
07h
GetReg
(Individual
address only.
NAK all call
address)
Define
which
register
Specified
register
contents
Slave returns the contents of the specified register as
the payload;
The majority of the VR monitoring data is accessed
through the GetReg command.
Table 34: SVID Supported Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com