Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 61Page - Renesas Technology Corp DA6021 Datasheet HTML 62Page - Renesas Technology Corp DA6021 Datasheet HTML 63Page - Renesas Technology Corp DA6021 Datasheet HTML 64Page - Renesas Technology Corp DA6021 Datasheet HTML 65Page - Renesas Technology Corp DA6021 Datasheet HTML 66Page - Renesas Technology Corp DA6021 Datasheet HTML 67Page - Renesas Technology Corp DA6021 Datasheet HTML 68Page - Renesas Technology Corp DA6021 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
65 of 224
www.dialog-semiconductor.com
PMIC Resets
10.4
The following table summarizes the reset sources for DA6021
Reset Source
Reset trigger
Reset Type/Sequence
SoC Request
PLTRST_B
Warm Reset
External Button
PWRBTN_B held longer than
time defined in FCOT[3:9]
Forced Cold Off, shutdown all voltage regulators and
return to SOC_G3 state (not waiting for any SLP_S*_B
signals from SOC
Catastrophic and
Critical Event
THERMTRIP_B
Shutdown all voltage regulators, return to SOC_G3 state
(not waiting for any SLP_S*_B signals from SOC)
PMICTEMP
System Temperature
Battery Temperature
VSYSUVP
VSYSOVP
Main Battery Removal
(BATRM, if BATRMDEN set)
BCU VCRIT ( if enabled)
Wake Event from
Cold off
Battery Insertion
Cold boot
USB Charger insertion
AC/DC Adapter insertion
PWRBTN_B pressed
Table 26 : PMIC Reset Sources
Wake Events
10.5
There are several events that can wake the system from SOC_G3 or G3 state. These are:
Battery Insertion
USB Charger Insertion
AC/DC Adapter Insertion
Power Button
All of these events can cause a System Boot if it is in SOC_G3, but booting is depending on the battery voltage.
The first 3 wake events, battery insertion, USB or AC/DC adapter insertion can cause a boot depending on the
SRCWAKECFG register as defined below:
Register Name
SRCWAKECFG
Address
0xDB
Page 1
Read/Write
0x00
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
ADWAKEEN USBWAKEEN BATWAKEEN
BATWAKEEN
0
1
No wake up if battery insertion is detected
Wake up if battery insertion detected and further boot criteria met
USBWAKEEN
0
1
No wake up if USB charger insertion is detected
Wake up if USB charger insertion detected and further boot criteria met
ADWAKEEN
0
1
No wake up if ACDC adapter insertion is detected
Wake up if ACDC adapter insertion detected and further boot criteria
met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com