Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 35Page - Renesas Technology Corp DA6021 Datasheet HTML 36Page - Renesas Technology Corp DA6021 Datasheet HTML 37Page - Renesas Technology Corp DA6021 Datasheet HTML 38Page - Renesas Technology Corp DA6021 Datasheet HTML 39Page - Renesas Technology Corp DA6021 Datasheet HTML 40Page - Renesas Technology Corp DA6021 Datasheet HTML 41Page - Renesas Technology Corp DA6021 Datasheet HTML 42Page - Renesas Technology Corp DA6021 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
39 of 224
www.dialog-semiconductor.com
The figure above represents DA6021 power state transitions. There are several events and condition for these
transitions to occur. Following is the list of conditions used in the figure.
PH_EVENT: this is a catastrophic event. At any time the system does an immediate shutdown 90µs
after the shutdown warning and goes directly to the SOC_G3 state.
CT_EVENT: these are all critical events. DA6021 will shut down via power down sequencing which is
driven from the PMIC, regardless of the SoC handshake.
U2S*: Indicates a move to the next SOC_S* state. The direction is upwards. The reason can be that one
of the SLP_S*_B signals have changed or PWRBTN has been pressed.
D2S*: Indicates a move to the next SOC_S* state. The direction I downwards. Reason can be a change
on one of the SLP_S*_B signals.
D2G3: Can be asserted if DA6021 is sensitive to SUSPWRDNACK input and SUSPWRDNACK = 1.
SYS_WAKEUP: represents a valid wakeup event from system power down. This event is generated
from the sysco block.
UV_EVENT: represents an under voltage event in DA6021. Under voltage event belongs to the critical
event but the final state will be G3, instead of SOC_G3.
VSYS_VALID: this means that VSYS has crossed the 3.0V and can proceed to SOC_G3 and wait for
boot condition
Refer to the table below for U2 and D2 specific conditions.
Condition
ST
NX_ST
Events
SLP_S4_B
SLP_S3_B
SLP_SX_B
U2S3
U2SX
U2S0
D2SX
D2S3
D2S4
0
X
X
SOC_S4
SOC_S4
0
0
0
0
0
0
1
X
X
SOC_S4
SOC_S3
1
0
0
0
0
0
0
X
X
SOC_S3
SOC_S4
0
0
0
0
0
1
1
0
X
SOC_S3
SOC_S3
0
0
0
0
0
0
1
1
X
SOC_S3
SOC_SX
0
1
0
0
0
0
1
1
0
SOC_SX
SOC_SX
0
0
0
0
0
0
1
1
1
SOC_SX
SOC_S0
0
0
1
0
0
0
X
0
X
SOC_SX
SOC_S3
0
0
0
0
1
0
0
X
X
SOC_SX
SOC_S3
0
0
0
0
1
0
X
X
0
SOC_S0
SOC_SX
0
0
0
1
0
0
1
1
1
SOC_S0
SOC_S0
0
0
0
0
0
0
X
0
X
SOC_S0
SOC_SX
0
0
0
1
0
0
0
X
X
SOC_S0
SOC_SX
0
0
0
1
0
0
Table 15:U2 & D2 Event Generation Table
A soft reset can be generated in application and via configuration in SOC_SX and SOC_S0 states. In other
modes it can be generated even in other states where the I2C slave is available.
Sequencing
10.2.1
Each PMIC component (such as a
DC/DC converter, LDO, internal or external power switch … ) can be placed
with high flexibility into the power sequence, whereas enabling and disabling such a component during power-up
and power-down can be programmed independently.
The sequencing is defined by Intel processor specification, implemented and evaluated accordingly. Customers
requesting power sequencing other than specified, please contact Dialog Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com