Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 18 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 18 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 14Page - ITT Industries RAFIX22FS Datasheet HTML 15Page - ITT Industries RAFIX22FS Datasheet HTML 16Page - ITT Industries RAFIX22FS Datasheet HTML 17Page - ITT Industries RAFIX22FS Datasheet HTML 18Page - ITT Industries RAFIX22FS Datasheet HTML 19Page - ITT Industries RAFIX22FS Datasheet HTML 20Page - ITT Industries RAFIX22FS Datasheet HTML 21Page - ITT Industries RAFIX22FS Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Stock items are marked
by bold printed order numbers.
2 - 182
Control components
2
RAFIX
22 FS
RAFIX 22 FS
RAFIX 22 FS keylock switch, square collar
Pict.: red
Einbauöffung nach IEC 60947-5-1
Contact function
Drehwinkel
Order no.
Plastic front ring
Metal front ring
Rotating angle
Key removal position
momentary
2 x 40°
0
1Ö + 1S
1.30.255.151/xxxx
1.30.255.152/0000
momentary
1 x 40°
0
1Ö + 1S
1.30.255.051/xxxx
1.30.255.052/0000
latching 1 x 90° and
momentary 1 x 40°
1 x 90° and
1 x 40°
0
1Ö + 1S
2
0
1.30.255.551/xxxx
1.30.255.552/0000
latching 1 x 90° and
momentary 1 x 40°
1 x 90° and
1 x 40°
0+2
1Ö + 1S
2
0
1.30.255.571/xxxx
1.30.255.572/0000
latching 1 x 90° and
momentary 1 x 40°
1 x 90° and
1 x 40°
2
1Ö + 1S
2
0
1.30.255.561/xxxx
1.30.255.562/0000
latching
2 x 90°
0
1Ö + 1S
1.30.255.451/xxxx
1.30.255.452/0000
latching
2 x 90°
0+1
1Ö + 1S
1.30.255.461/xxxx
1.30.255.462/0000
latching
2 x 90°
0+1+2
1Ö + 1S
1.30.255.481/xxxx
1.30.255.482/0000
latching
2 x 90°
0+2
1Ö + 1S
1.30.255.471/xxxx
1.30.255.472/0000
latching
1 x 90°, form V 0
1Ö + 1S
1.30.255.351/xxxx
1.30.255.352/0000
latching
1 x 90°, form V 0+1
1Ö + 1S
1.30.255.371/xxxx
1.30.255.372/0000
latching
1 x 90°, form V 1
1Ö + 1S
1.30.255.361/xxxx
1.30.255.362/0000
latching
1 x 90°, form L 0
1Ö + 1S
1.30.255.251/xxxx
1.30.255.252/0000
latching
1 x 90°, form L 0+1
1Ö + 1S
1.30.255.271/xxxx
1.30.255.272/0000
latching
1 x 90°, form L 1
1Ö + 1S
1.30.255.261/xxxx
1.30.255.262/0000
Technical data see page 2 - 180
xxxx = Front ring colour: black = 0100, red = 0300, yellow = 0400, green = 0500, blue = 0600, slate grey = 0700, silver grey = 0800
Other lock variants available on request.
Included: 2 keys.
The following keylock switches with silver grey plastic front ring are stock items: 1.30.255.051/0800, 1.30.255.251/0800,
1.30.255.271/0800, 1.30.255.351/0800, 1.30.255.371/0800, 1.30.255.481/0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com