Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 24 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 24 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 20Page - ITT Industries RAFIX22FS Datasheet HTML 21Page - ITT Industries RAFIX22FS Datasheet HTML 22Page - ITT Industries RAFIX22FS Datasheet HTML 23Page - ITT Industries RAFIX22FS Datasheet HTML 24Page - ITT Industries RAFIX22FS Datasheet HTML 25Page - ITT Industries RAFIX22FS Datasheet HTML 26Page - ITT Industries RAFIX22FS Datasheet HTML 27Page - ITT Industries RAFIX22FS Datasheet HTML 28Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Stock items are marked
by bold printed order numbers.
Control components
2 - 189
2
RAFIX
22 FS
RAFIX 22 FS
3 mm LED superbright yellow
1.90.690.267/0000 5 - 21
3 mm LED superbright red
1.90.690.269/0000 5 - 21
3 mm LED superbright blue
1.90.690.282/0000 5 - 21
3 mm LED superbright green
1.90.690.285/0000 5 - 21
3 mm LED superbright white
1.90.690.295/0000 5 - 21
RAFIX 22 FS contact block with gold contacts
Pict.: Universal contact block, 1 NC + 1 NO, gold contacts Pict.: emergency stop contact block, 1 NC, gold contacts
Contact arrangement
Colour of housing
Order no. complete
Type
Colour of plunger
1 NC
Universal
red
grey
1.20.126.001/0000
1 NO
Universal
green
grey
1.20.126.002/0000
1 NC + 1 NO
Universal
red and green
grey
1.20.126.003/0000
2 NC
Universal
red
grey
1.20.126.004/0000
2 NO
Universal
green
grey
1.20.126.005/0000
1 NC
emergency stop
red
grey
1.20.126.401/0000
1 NO
emergency stop
green
grey
1.20.126.402/0000
1 NC + 1 NO
emergency stop
yellow
grey
1.20.126.403/0000
2 NC
emergency stop
red
grey
1.20.126.404/0000
2 NO
emergency stop
green
grey
1.20.126.405/0000
Technical data see page 2 - 188
Caution: Emergency stop contact blocks can only be used with emergency stop pushbuttons. Universal contact blocks are not suitable
for emergency stop pushbuttons.
Description
Photo
Order no.
Page
Accessories RAFIX 22 FS contact blocks with gold contacts
For additional accessories, refer to the chapter „RAFIX 22 FS special accessories“.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com