Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 2 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 2 Page - ITT Industries

  RAFIX22FS Datasheet HTML 1Page - ITT Industries RAFIX22FS Datasheet HTML 2Page - ITT Industries RAFIX22FS Datasheet HTML 3Page - ITT Industries RAFIX22FS Datasheet HTML 4Page - ITT Industries RAFIX22FS Datasheet HTML 5Page - ITT Industries RAFIX22FS Datasheet HTML 6Page - ITT Industries RAFIX22FS Datasheet HTML 7Page - ITT Industries RAFIX22FS Datasheet HTML 8Page - ITT Industries RAFIX22FS Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2 - 164
Control Components
2
RAFIX 22 FS
The new RAFIX 22 FS control
component range can be combined
on a common printed circuit board
together with short-travel keys and
other components thanks to its
extremely small mounting depth of
9.2 mm.
The actuators and signal indicators
are fastened to the front panel with a
threaded ring in a 22.3 mm panel cut-
out to IEC 60947. The cast-on collar
seal made of thermoflex and an
integrated special membrane
provide a water-jet proof degree of
protection IP 65 to DIN.
The contact blocks are soldered onto
the PCB. Illumination of the actuator
is provided by a 3 mm LED inserted
into the base of the contact block and
soldered to the PCB together with the
contact block.
The printed circuit board is fastened
to the front panel with bolts, with the
contact blocks sliding almost
completely into the actuators. In this
way an extremely low profile is
achieved. Additional advantages:
Individual
wiring is made unnecessary and
there is no more need for a cut-out
in the PCB in the control component
areas.
3 mm LED
Lens
transparent (illuminated) or opaque
Diffuser
(for transparent lenses only)
Actuator with
O-ring seal and
special membrane.
Housing with integrated
cast-on collar seal,
front panel
thickness 1 – 3 mm
Threaded ring
Contact block
(optionally with LED installed):
• 1 NC, 1 NO, 2 NC, 1 NC + 1 NO, 2 NO
(colour-coded plungers:
NC = red, NO = green)
• Gold contacts for 42 V max.
(grey housing)
or silver contacts for max. 250 V
(black housing)
• Locating pip for correct assembly
Printed circuit board
Screw-on front ring,
made of plastic or metallized
9,2 mm
RAFIX
22 FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com