Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 20 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 20 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 16Page - ITT Industries RAFIX22FS Datasheet HTML 17Page - ITT Industries RAFIX22FS Datasheet HTML 18Page - ITT Industries RAFIX22FS Datasheet HTML 19Page - ITT Industries RAFIX22FS Datasheet HTML 20Page - ITT Industries RAFIX22FS Datasheet HTML 21Page - ITT Industries RAFIX22FS Datasheet HTML 22Page - ITT Industries RAFIX22FS Datasheet HTML 23Page - ITT Industries RAFIX22FS Datasheet HTML 24Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Stock items are marked
by bold printed order numbers.
Control components
2 - 185
2
RAFIX
22 FS
RAFIX 22 FS
Description
Photo
Order no.
Page
Accessories RAFIX 22 FS emergency stop pushbutton
RAFIX 22 FS emergency stop contact block, silver
contacts, 1 NC
1.20.126.601/0000 2 - 191
Fixing spanner for ring nut and front ring
5.05.800.062/0000 5 - 25
Emergency stop label, yellow, round 60 mm,
PVC adhesive, without legend
5.76.204.100/0400 2 - 161
Emergency stop label, yellow, round 60 mm,
PVC adhesive, with legend "NOT-AUS"
5.76.204.101/0400 2 - 161
Emergency stop label, yellow, round 60 mm,
PVC adhesive, with legend "ARRET D'URGENCE"
5.76.204.102/0400 2 - 161
Emergency stop label, yellow, round 60 mm,
PVC adhesive, with legend "EMERGENCY-STOP"
5.76.204.103/0400 2 - 161
Emergency stop label, yellow 36 x 64 mm, PVC adhesive,
without legend
5.76.205.011/0400 2 - 161
RAFIX 22 FS emergency stop pushbutton, non-illuminated, dupe-proof to EN 418,
non-blocking
Pict.: red
panel cut-out acc. to IEC 60947-5-1
Illuminability
Approvals acc. to IEC
Order no. complete
no
60947-5-x, 60204, 60073, 601058
1.30.253.501/0300
Technical data see page 2 - 184
RAFIX 22 FS emergency stop pushbutton, illuminated, dupe-proof to EN 418,
non-blocking
Pict.: red
panel cut-out acc. to IEC 60947-5-1
Illuminability
Approvals acc. to IEC
Order no. complete
yes
60947-5-x, 60204, 60073, 601058
1.30.253.001/0300
Technical data see page 2 - 184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com