Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 16 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 16 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 12Page - ITT Industries RAFIX22FS Datasheet HTML 13Page - ITT Industries RAFIX22FS Datasheet HTML 14Page - ITT Industries RAFIX22FS Datasheet HTML 15Page - ITT Industries RAFIX22FS Datasheet HTML 16Page - ITT Industries RAFIX22FS Datasheet HTML 17Page - ITT Industries RAFIX22FS Datasheet HTML 18Page - ITT Industries RAFIX22FS Datasheet HTML 19Page - ITT Industries RAFIX22FS Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Stock items are marked
by bold printed order numbers.
2 - 180
Control components
2
RAFIX
22 FS
RAFIX 22 FS
RAFIX 22 FS keylock switch
Einbauöffung nach IEC 60947-5-1
red
Pict.: blue
Technical data
General information
Colout of front ring
see order block
Form of collar
see order block
Dimensions
Length of collar
see order block
Width of collar
see order block
Overall height
44.1 mm
Mounting depth
9.2 mm
Mounting hole
22.3 mm
Key grid
30 x 30 mm
Diameter of collar
see order block
Mechanical design
Mounting
ring nut
Contact function
see order block
Lock
Micromec
Wafers
5
Illuminability
no
Lock type
001
Number of locking
positions
500
Main key
no
Symmetric key
no
Rotating angle
see order block
Key removal position
see order block
Mechanical characteristics
Torque max.
1.3 Nm
Other specifications
Operating life
0.3 Mio. tastend/
50000 rastend
Degree of protection
from front side
IP65
Ambient temp. operating
min.
-25 °C
Ambient temp. operating
max.
+70 °C
Storage temperature min.
-40 °C
Storage temperature max.
+80 °C
Resistance to constant
environment
IEC 600 68-2-3 and 2-30
Resistance at variable
environment
IEC 600 68-2-14 and 2-33
ESD-strength lock /
contact
15 kV
ESD-strength key/ front
panel
15 kV
Description
Photo
Order no.
Page
Accessories RAFIX 22 FS keylock switch
RAFIX 22 FS universal contact block, 1 NC
1.20.126.001/0000 2 - 189
RAFIX 22 FS universal contact block, silver contacts,
1 NC, 1 NO
1.20.126.203/0000 2 - 191
Fixing spanner for ring nut and front ring
5.05.800.062/0000 5 - 25
For additional accessories, refer to the chapter „Special accessories“.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com