Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 3 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 3 Page - ITT Industries

  RAFIX22FS Datasheet HTML 1Page - ITT Industries RAFIX22FS Datasheet HTML 2Page - ITT Industries RAFIX22FS Datasheet HTML 3Page - ITT Industries RAFIX22FS Datasheet HTML 4Page - ITT Industries RAFIX22FS Datasheet HTML 5Page - ITT Industries RAFIX22FS Datasheet HTML 6Page - ITT Industries RAFIX22FS Datasheet HTML 7Page - ITT Industries RAFIX22FS Datasheet HTML 8Page - ITT Industries RAFIX22FS Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Control Components
2 - 165
RAFIX 22 FS
Cast-on
collar seal
Special sealing
Combined with short-travel keys
The actuators of the RAFIX 22FS system are suited for
integration into low-profile data entry systems. The small
mounting depth and the PCB solder terminals make it
possible to combine the contact blocks with Rafi
short-travel keys RACON 8 an 12, RF 15 and RF
19 as well as KN 19 on one and the same
printed circuit board.
Illumination
RAFIX 22 FS pushbuttons,
selector switches and emergency
stop buttons are also available
as illuminated versions. For illumi-
nation, we recommend to use the
superbright 3 mm LEDs in the colour
matching the lens. The LEDs are fitted
into the contact block and soldered
together with it. The signal indicators are
als illuminated with superbright LEDs
soldered directly onto the printed circuit board. In order
to ensure full illumination, the LED must be mounted on
a base. Bases are available as accessories.
Sealed against moisture and dirt
O-ring seal
The O-ring seals the space between the lens and the
actuator. The cast-on collar seal cannot be lost or
distorted during assembly. During assembly, the actuator
is held in the mounting hole by the cast-on seal and can
then be fixed by screwing from the rear.
The special membrane seal safely prevents moisture, oil
or dust from reaching the contact block.
In contrast with seals sliding up and down along the
shaft, the special membrane seal is arranged in a fixed
position on the housing. In this way, RAFIX 22 FS
guarentees switching raliability for the full service life
(degree of protection IP65 to DIN).
2
RAFIX
22 FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com