Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 26 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 26 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 20Page - ITT Industries RAFIX22FS Datasheet HTML 21Page - ITT Industries RAFIX22FS Datasheet HTML 22Page - ITT Industries RAFIX22FS Datasheet HTML 23Page - ITT Industries RAFIX22FS Datasheet HTML 24Page - ITT Industries RAFIX22FS Datasheet HTML 25Page - ITT Industries RAFIX22FS Datasheet HTML 26Page - ITT Industries RAFIX22FS Datasheet HTML 27Page - ITT Industries RAFIX22FS Datasheet HTML 28Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Stock items are marked
by bold printed order numbers.
Control components
2 - 191
2
RAFIX
22 FS
RAFIX 22 FS
Description
Photo
Order no.
Page
Accessories RAFIX 22 FS contact blocks with silver contacts
3 mm LED superbright yellow
1.90.690.267/0000 5 - 21
3 mm LED superbright red
1.90.690.269/0000 5 - 21
3 mm LED superbright blue
1.90.690.282/0000 5 - 21
3 mm LED superbright green
1.90.690.285/0000 5 - 21
3 mm LED superbright white
1.90.690.295/0000 5 - 21
RAFIX 22 FS contact blocks with silver contacts
Pict.: Universal, silver contacts, universal type, 1 NO
Pict.: Universal, silver contacts, 1 NC + 1 NO
Contact arrangement
Colour of housing
Order no. complete
Type
Colour of plunger
1 NC
Universal
red
black
1.20.126.201/0000
1 NO
Universal
green
black
1.20.126.202/0000
1 NC + 1 NO
Universal
red and green
black
1.20.126.203/0000
2 NC
Universal
red
black
1.20.126.204/0000
2 NO
Universal
green
black
1.20.126.205/0000
1 NC
emergency stop
red
black
1.20.126.601/0000
1 NO
emergency stop
green
black
1.20.126.602/0000
1 NC + 1 NO
emergency stop
yellow
black
1.20.126.603/0000
2 NC
emergency stop
red
black
1.20.126.604/0000
2 NO
emergency stop
green
black
1.20.126.605/0000
Technical data see page 2 - 190
Caution: Emergency stop contact blocks can only be used with emergency stop pushbuttons. Universal contact blocks are not suitable
for emergency stop pushbuttons.
For additional accessories, refer to the chapter „RAFIX 22 FS special accessories“.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com