Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 7 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 7 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 3Page - ITT Industries RAFIX22FS Datasheet HTML 4Page - ITT Industries RAFIX22FS Datasheet HTML 5Page - ITT Industries RAFIX22FS Datasheet HTML 6Page - ITT Industries RAFIX22FS Datasheet HTML 7Page - ITT Industries RAFIX22FS Datasheet HTML 8Page - ITT Industries RAFIX22FS Datasheet HTML 9Page - ITT Industries RAFIX22FS Datasheet HTML 10Page - ITT Industries RAFIX22FS Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
RAFIX 22 FS
Stock items are marked
by bold printed order numbers.
Control components
2 - 169
2
RAFIX
22 FS
RAFIX 22 FS pushbutton, flush lens, round collar
Pict.: green/silver grey
panel cut-out acc. to IEC 60947-5-1
Colour of lens
Illuminability
Order no. momentary
Plastic front ring
Metallized front ring
Order no. latching
Plastic front ring
Metallized front ring
yes
transparent white
1.30.250.001/10xx
1.30.250.021/1000
1.30.250.011/10xx
1.30.250.031/1000
yes
transparent red
1.30.250.001/13xx
1.30.250.021/1300
1.30.250.011/13xx
1.30.250.031/1300
yes
transparent yellow
1.30.250.001/14xx
1.30.250.021/1400
1.30.250.011/14xx
1.30.250.031/1400
yes
transparent green
1.30.250.001/15xx
1.30.250.021/1500
1.30.250.011/15xx
1.30.250.031/1500
yes
transparent blue
1.30.250.001/16xx
1.30.250.021/1600
1.30.250.011/16xx
1.30.250.031/1600
no
opaque black
1.30.250.101/01xx
1.30.250.121/0100
1.30.250.111/01xx
1.30.250.131/0100
no
opaque white
1.30.250.101/02xx
1.30.250.121/0200
1.30.250.111/02xx
1.30.250.131/0200
no
opaque red
1.30.250.101/03xx
1.30.250.121/0300
1.30.250.111/03xx
1.30.250.131/0300
no
opaque yellow
1.30.250.101/04xx
1.30.250.121/0400
1.30.250.111/04xx
1.30.250.131/0400
no
opaque green
1.30.250.101/05xx
1.30.250.121/0500
1.30.250.111/05xx
1.30.250.131/0500
no
opaque blue
1.30.250.101/06xx
1.30.250.121/0600
1.30.250.111/06xx
1.30.250.131/0600
no
opaque slate-grey
1.30.250.101/07xx
1.30.250.121/0700
1.30.250.111/07xx
1.30.250.131/0700
Technical data see page 2 - 168
Accessories:
Legend insert without legend: 5.70.800.000/2000
Plastic frontring slate grey with protection cap: 5.05.004.986/0700
Plastic frontring silver grey with protection cap: 5.05.004.986/0800
Plastic frontring black with protection cap: 5.05.004.986/0100
Plastic frontring red with protection cap: 5.05.004.986/0300
Plastic frontring yellow with protection cap: 5.05.004.986/0400
Plastic frontring green with protection cap: 5.05.004.986/0500
Plastic frontring blue with protection cap: 5.05.004.986/0600
xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08
Order numbers 1.30.250.001/—08 and 1.30.250.011/—08 (with silver grey plastic front ring) are stock items.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com