Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 23 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 23 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 19Page - ITT Industries RAFIX22FS Datasheet HTML 20Page - ITT Industries RAFIX22FS Datasheet HTML 21Page - ITT Industries RAFIX22FS Datasheet HTML 22Page - ITT Industries RAFIX22FS Datasheet HTML 23Page - ITT Industries RAFIX22FS Datasheet HTML 24Page - ITT Industries RAFIX22FS Datasheet HTML 25Page - ITT Industries RAFIX22FS Datasheet HTML 26Page - ITT Industries RAFIX22FS Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Stock items are marked
by bold printed order numbers.
2 - 188
Control components
2
RAFIX
22 FS
RAFIX 22 FS
RAFIX 22 FS contact blocks with gold contacts
Emergency stop contact block, gold contacts, 2 NC
Pict.: Universal contact block, 1 NC + 1 NO, gold contacts
General data
Illumination information:
The contact blocks are suitable for use with illuminated actuators: Insert the desired LED into the integrated LED base and
subsequently solder it together with the contact block.
We strongly recommend using the Rafi superbright LED since this ensures homogeneous illumination.
Technical data
General information
Lamp
LED
Dimensions
Diameter
17.3 mm
Recommended key grid
30 mm
Mounting depth
9.2 mm
Mechanical design
Mounting
soldering in PCB
Contact system
bridgecontact self
cleaning
Contact materials
Au
Contact arrangement
see order block
NC contact forcibly
actuated acc. to IEC 60947-5-1 yes
Terminals
solder terminal with
locating lug
Robustness
100 N
Electrica characteristics acc. to IEC 60947, AC-15
Operating voltage AC/DC
42 V
Operating current AC/DC
100 mA
Rated power max.
250 mW
Other specifications
Operating life
1 million at 10 mA/ 24 V
DC
Switching reliability at
24V/5mA DC
10 x 10-6
Approvals acc. to IEC
60947-5-x, 60204, 60073,
601058
Approvals, other
UL 508, CSA, cURus
(UL + CSA)
Ambient temp. operating
min.
-25 °C
Ambient temp. operating
max.
+70 °C
Storage temperature min.
-40 °C
Storage temperature max.
+80
Colour of plunger
see order block
Robustness
acc. to IEC 60947-5-5
(TÜV)
Shock resistance acc. to
IEC 60068-2-27
50 g at 11 ms, amplitude
half sinusoidal
Resistance to vibrations
acc. to IEC 60068-2-6
5 g at 10 ... 500 Hz
Resistance to constant
environment
IEC 600 68-2-3 and 2-30
Resistance at variable
environment
IEC 600 68-2-14 and 2-33
Salt spray
IEC 600 68-2-11
Solderability / solder
heat resistance
IEC 600 68-2-20
Solder techniques
wave solder bath /
manual soldering
Type
see order block
Colour of housing
grey



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com