Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 21 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 21 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 17Page - ITT Industries RAFIX22FS Datasheet HTML 18Page - ITT Industries RAFIX22FS Datasheet HTML 19Page - ITT Industries RAFIX22FS Datasheet HTML 20Page - ITT Industries RAFIX22FS Datasheet HTML 21Page - ITT Industries RAFIX22FS Datasheet HTML 22Page - ITT Industries RAFIX22FS Datasheet HTML 23Page - ITT Industries RAFIX22FS Datasheet HTML 24Page - ITT Industries RAFIX22FS Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Stock items are marked
by bold printed order numbers.
2 - 186
Control components
2
RAFIX
22 FS
RAFIX 22 FS
RAFIX 22 FS signal indicator
panel cut-out acc. to IEC 60947-5-1
Pict.: yellow
Technical data
General information
Form of lens
flat lens
Colour of lens
see order block
Form of collar
see order block
Dimensions
Length of collar
see order block
Width of collar
see order block
Overall height
9.7 mm
Mounting depth
9.2 mm
Mounting hole
22.3 mm
Key grid
30 x 30 mm
Diameter of collar
see order block
Mechanical design
Mounting
ring nut
Illuminability
yes
Mechanical characteristics
Robustness min.
100 N
Other specifications
Degree of protection
from front side
IP65
Ambient temp. operating
min.
-25 °C
Ambient temp. operating
max.
+70 °C
Storage temperature min.
-40 °C
Storage temperature max.
+80 °C
Resistance to constant
environment
IEC 600 68-2-3 and 2-30
Resistance at variable
environment
IEC 600 68-2-14 and 2-33
Description
Photo
Order no.
Page
Accessories RAFIX 22 FS signal indicator
3 mm LED superbright red
1.90.690.269/0000 5 - 21
Fixing spanner for ring nut and front ring
5.05.800.062/0000 5 - 25
LED base for signal indicators
5.30.109.020/0756 2 - 193
Legend insert blank
5.70.806.000/2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com