Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 14 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 14 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 10Page - ITT Industries RAFIX22FS Datasheet HTML 11Page - ITT Industries RAFIX22FS Datasheet HTML 12Page - ITT Industries RAFIX22FS Datasheet HTML 13Page - ITT Industries RAFIX22FS Datasheet HTML 14Page - ITT Industries RAFIX22FS Datasheet HTML 15Page - ITT Industries RAFIX22FS Datasheet HTML 16Page - ITT Industries RAFIX22FS Datasheet HTML 17Page - ITT Industries RAFIX22FS Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Stock items are marked
by bold printed order numbers.
Control components
2 - 177
2
RAFIX
22 FS
RAFIX 22 FS
RAFIX 22 FS selector switch, round collar
Pict.: Front ring, silver grey, illuminated
Einbauöffung nach IEC 60947-5-1
Illuminability
Drehwinkel
Order no.
Plastic front ring
Metal front ring
Contact function
Rotating angle
yes
latching
2 x 60°
1Ö + 1S
1.30.252.301/22xx
1.30.252.302/2200
yes
latching
2 x 90°
1Ö + 1S
1.30.252.126/22xx
1.30.252.127/2200
no
momentary
1 x 40°
1Ö + 1S
1.30.252.501/02xx
1.30.252.502/0200
no
momentary
2 x 40°
1Ö + 1S
1.30.252.526/02xx
1.30.252.527/0200
no
latching 1 x 90° and
momentary 1 x 40°
1 x 90° and 1 x 40°
1Ö + 1S
2
0
1.30.252.926/02xx
1.30.252.927/0200
no
latching
1 x 90°, form L
1Ö + 1S
1.30.252.601/02xx
1.30.252.602/0200
no
latching
1 x 90°, form V
1Ö + 1S
1.30.252.701/02xx
1.30.252.702/0200
no
latching
2 x 60°
1Ö + 1S
1.30.252.801/02xx
1.30.252.802/0200
no
latching
2 x 90°
1Ö + 1S
1.30.252.626/02xx
1.30.252.627/0200
yes
momentary
1 x 40°
1Ö + 1S
1.30.252.001/22xx
1.30.252.002/2200
yes
momentary
2 x 40°
1Ö + 1S
1.30.252.026/22xx
1.30.252.027/2200
yes
latching 1 x 90° and
momentary 1 x 40°
1 x 90° and 1 x 40°
1Ö + 1S
2
0
1.30.252.426/22xx
1.30.252.427/2200
yes
latching
1 x 90°, form L
1Ö + 1S
1.30.252.101/22xx
1.30.252.102/2200
yes
latching
1 x 90°, form V
1Ö + 1S
1.30.252.201/22xx
1.30.252.202/2200
Technical data see page 2 - 176
xx = Front ring colour: black = 01, red = 03, yellow = 04, green = 05, blue = 06, slate grey = 07, silver grey = 08
Other handle marking colours available on request.
The following selector switches with silver grey plastic front ring are stock items:
Illuminated: 1.30.242.001/2208, 1.30.242.026/2208, 1.30.242.101/2208, 1.30.242.201/2208, 1.30.242.301/2208
Non-illuminated: 1.30.242.501/0208, 1.30.242.526/0208, 1.30.242.601/0208, 1.30.242.701/0208, 1.30.242.801/0208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com