Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 6 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 6 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 2Page - ITT Industries RAFIX22FS Datasheet HTML 3Page - ITT Industries RAFIX22FS Datasheet HTML 4Page - ITT Industries RAFIX22FS Datasheet HTML 5Page - ITT Industries RAFIX22FS Datasheet HTML 6Page - ITT Industries RAFIX22FS Datasheet HTML 7Page - ITT Industries RAFIX22FS Datasheet HTML 8Page - ITT Industries RAFIX22FS Datasheet HTML 9Page - ITT Industries RAFIX22FS Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Stock items are marked
by bold printed order numbers.
RAFIX 22 FS
2 - 168
Control components
2
RAFIX
22 FS
RAFIX 22 FS pushbuttons
panel cut-out acc. to IEC 60947-5-1
silver/blue
Pict.: green/silver
Technical data
General information
Form of lens
see order block
Colour of lens
see order block
Colout of front ring
see order block
Form of collar
see order block
Dimensions
Length of collar
see order block
Width of collar
see order block
Overall height
see order block
Mounting depth
9.2 mm
Mounting hole
22.3 mm
Key grid
30 x 30 mm
Diameter of collar
see order block
Mechanical design
Mounting
ring nut
Contact function
see order block
Illuminability
yes
Mechanical characteristics
Operating travel
4 mm
Robustness min.
100 N
Other specifications
Ambient temp. operating
min.
-25 °C
Ambient temp. operating
max.
+70 °C
Storage temperature min.
-40 °C
Storage temperature max.
+80 °C
Operating life
1 million momentary/
0,5 million latching
Degree of protection
from front side
IP65
Resistance to constant
environment
IEC 60068-2-3 and 2-30
Resistance at variable
environment
IEC 60068-2-14 and 2-33
Description
Photo
Order no.
Page
Accessories RAFIX 22 FS pushbuttons
RAFIX 22 FS universal contact block, 1 NC + 1 NO,
gold contacts
1.20.126.003/0000 2 - 189
RAFIX 22 FS universal contact block, silver contacts, 1 NO
1.20.126.202/0000 2 - 191
Fixing spanner for ring nut and front ring
5.05.800.062/0000 5 - 25
For additional accessories, refer to the chapter „Special accessories“.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com