Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 4 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 4 Page - ITT Industries

  RAFIX22FS Datasheet HTML 1Page - ITT Industries RAFIX22FS Datasheet HTML 2Page - ITT Industries RAFIX22FS Datasheet HTML 3Page - ITT Industries RAFIX22FS Datasheet HTML 4Page - ITT Industries RAFIX22FS Datasheet HTML 5Page - ITT Industries RAFIX22FS Datasheet HTML 6Page - ITT Industries RAFIX22FS Datasheet HTML 7Page - ITT Industries RAFIX22FS Datasheet HTML 8Page - ITT Industries RAFIX22FS Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2 - 166
Control Components
RAFIX 22 FS
Panel cut-out to IEC 60947
All actuators are provided with a locating pip.
With a grid spacing of 30 mm, the collars of the square
actuators are arranged next to each other without a space
in between. We recommend to use this grid spacing also
for the round collar shapes (IEC 60947).
Assembly indication
The mismatch of actuators and contact blocks must be
in a range of ø 0.2 mm.
Numerous design options for
individual panels
RAFIX 22 FS is available with many options.
Various lens and frontring combinations offer
nearly unlimited design options for your
panels. RAFIX 22 FS ist available both
with a round or a square collar.
The square version can be arranged
one collar to the next just as an
integral keypad.
Locating pip 1*
LED cathode
NO contacts
(on version with 2 NC’s, NC contacts)
Locating pip 2*
LED anode
NC contacts
(on version with 2 NO’s, NO contacts)
Hole patterns PCB,
view on component side
* For better distinction the locating pip 2 has
a bigger diameter than pip 1. In order to
ease the mounting, the positions are
additionally marked on the upper side of
the housing.
RAFIX
22 FS
2
min. 30.00
Actuator position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com