Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 19 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 19 Page - ITT Industries

Back Button RAFIX22FS Datasheet HTML 15Page - ITT Industries RAFIX22FS Datasheet HTML 16Page - ITT Industries RAFIX22FS Datasheet HTML 17Page - ITT Industries RAFIX22FS Datasheet HTML 18Page - ITT Industries RAFIX22FS Datasheet HTML 19Page - ITT Industries RAFIX22FS Datasheet HTML 20Page - ITT Industries RAFIX22FS Datasheet HTML 21Page - ITT Industries RAFIX22FS Datasheet HTML 22Page - ITT Industries RAFIX22FS Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Stock items are marked
by bold printed order numbers.
2 - 184
Control components
2
RAFIX
22 FS
RAFIX 22 FS
RAFIX 22 FS emergency stop pushbutton
panel cut-out acc. to IEC 60947-5-1
Pict.: red
General data
The emergency stop pushbuttons comply with IEC 60 204, IEC 60 073, IEC 60 947 and VDE 0113 Part 1. They are designed
dupe-proof according to EN 418 with a positive mechanical movement sequence. A certain operating force must be
exerted at the action point in order to prevent inadvertent operation. The pushbutton latches when pressed and is reset
by turning it in a clockwise direction.
The special shape of the actuator prevents the emergency stop pushbutton from being blocked. This means that the
emergency stop process - once initiated - cannot be impeded by any jamming objects.
Only use contact block 1.20.126.4xx.
Technical data
General information
Form of lens
conical mushroom form
Colour of lens
red
Form of collar
round
Dimensions
Mushroom Diameter
30 mm
Overall height
33.2 mm
Mounting depth
9.2 mm
Mounting hole
22.3 mm
Key grid
30 x 30 mm
Diameter of collar
29.8 mm
Mechanical design
Mounting
ring nut
Contact function
latching
Illuminability
see order block
Mechanical characteristics
Robustness min.
100 N
Other specifications
Ambient temp. operating
min.
-25 °C
Ambient temp. operating
max.
+70 °C
Approvals acc. to IEC
60947-5-x, 60204, 60073,
601058
Approvals, other
UL 508, CSA, cURuS
(UL + CSA)
Robustness
acc. IEC 600 68-2-3 and
2-30
Operating life
50000
Degree of protection
from front side
IP65
Storage temperature min.
-40 °C
Storage temperature max.
+80 °C
Resistance to constant
environment
IEC 600 68-2-3 and 2-30
Resistance at variable
environment
IEC 600 68-2-14 and 2-33
Description
Photo
Order no.
Page
Accessories RAFIX 22 FS emergency stop pushbutton
RAFIX 22 FS emergency stop contact block, 1 NC,
gold contacts
1.20.126.401/0000 2 - 189
RAFIX 22 FS emergency stop contact block, 2 NC,
gold contacts
1.20.126.404/0000 2 - 189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com