Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAFIX22FS Datasheet(PDF) 1 Page - ITT Industries

Part # RAFIX22FS
Description  control component range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX22FS Datasheet(HTML) 1 Page - ITT Industries

  RAFIX22FS Datasheet HTML 1Page - ITT Industries RAFIX22FS Datasheet HTML 2Page - ITT Industries RAFIX22FS Datasheet HTML 3Page - ITT Industries RAFIX22FS Datasheet HTML 4Page - ITT Industries RAFIX22FS Datasheet HTML 5Page - ITT Industries RAFIX22FS Datasheet HTML 6Page - ITT Industries RAFIX22FS Datasheet HTML 7Page - ITT Industries RAFIX22FS Datasheet HTML 8Page - ITT Industries RAFIX22FS Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Stock items are marked
by bold printed order numbers.
RAFIX 22 FS
Control components
2 - 163
2
RAFIX
22 FS
General data
RAFIX 22 FS control component range
• For a mounting hole diameter of 22.3 mm to IEC 60947
• Contact blocks with gold or silver contacts
• Depth behind panel only 9.2 mm
• Water-jet proof IP65
• 2 collar shapes
• The contact blocks can be combined with other components on the same PCB.
The specified data apply only if actuators/signal indicators are combined with contact blocks and lamp sockets within the
same product range.
Content
RAFIX 22 FS pushbutton
2 - 168
RAFIX 22 FS pushbutton, flush lens, round collar
2 - 169
RAFIX 22 FS pushbutton, protruding lens, round collar
2 - 170
RAFIX 22 FS pushbutton, protruding front ring, round collar
2 - 171
RAFIX 22 FS pushbutton, flush lens, square collar
2 - 172
RAFIX 22 FS pushbutton, protruding lens, square collar
2 - 173
RAFIX 22 FS pushbutton, protruding front ring
2 - 174
RAFIX 22 FS selector switch
2 - 176
RAFIX 22 FS selector switch, round collar
2 - 177
RAFIX 22 FS selector switch, square collar
2 - 178
RAFIX 22 FS keylock switch
2 - 180
RAFIX 22 FS keylock switch, round collar
2 - 181
RAFIX 22 FS keylock switch, square collar
2 - 182
RAFIX 22 FS emergency stop pushbutton
2 - 184
RAFIX 22 FS emergency stop pushbutton, non-illuminated, dupe-proof to EN 418, non-blocking
2 - 185
RAFIX 22 FS emergency stop pushbutton, illuminated, dupe-proof to EN 418, non-blocking
2 - 185
RAFIX 22 FS signal indicator
2 - 186
RAFIX 22 FS signal indicator, round collar
2 - 187
RAFIX 22 FS signal indicator, square collar
2 - 187
RAFIX 22 FS contact block with gold contacts
2 - 188
RAFIX 22 FS contact block with gold contacts
2 - 189
RAFIX 22 FS contact blocks with silver contacts
2 - 190
RAFIX 22 FS contact blocks with silver contacts
2 - 191
RAFIX 22 FS special accessories
2 - 192
Blanking cap
2 - 192
Ring nut
2 - 192
LED base for signal indicators
2 - 193
Plastic frontring with thermoflex protective cap
2 - 193


Similar Part No. - RAFIX22FS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RAFIX16 ITT-RAFIX16 Datasheet
2Mb / 68P
control component range
More results

Similar Description - RAFIX22FS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RAFIX16 ITT-RAFIX16 Datasheet
2Mb / 68P
control component range
logo
List of Unclassifed Man...
16110 ETC2-16110 Datasheet
274Kb / 17P
LCD Component
logo
Analog Devices
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
logo
SHENZHEN FUMAN ELECTRON...
FM1712B FUMAN-FM1712B Datasheet
398Kb / 7P
Wide range input synchronous buck control chip
FM1713 FUMAN-FM1713 Datasheet
396Kb / 7P
Wide range input synchronous buck control chip
FM1720 FUMAN-FM1720 Datasheet
396Kb / 7P
Wide range input synchronous buck control chip
logo
Schneider Electric
RM17TU00 SCHNEIDER-RM17TU00 Datasheet
73Kb / 5P
multifunction control relay RM17-TU - range
7/9/2011
logo
PHOENIX CONTACT
105787 PHOENIX-105787 Datasheet
1Mb / 27P
Component housing
2015-11-27
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com