Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 2Page - Cirrus Logic CS3318 Datasheet HTML 3Page - Cirrus Logic CS3318 Datasheet HTML 4Page - Cirrus Logic CS3318 Datasheet HTML 5Page - Cirrus Logic CS3318 Datasheet HTML 6Page - Cirrus Logic CS3318 Datasheet HTML 7Page - Cirrus Logic CS3318 Datasheet HTML 8Page - Cirrus Logic CS3318 Datasheet HTML 9Page - Cirrus Logic CS3318 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
DS693F1
CS3318
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
47
44
37
34
27
24
17
14
Analog Outputs (Output) - The full-scale output level is specified in the Analog Characteristics specifi-
cation table.
REFI1
REFI2
REFI3
REFI4
REFI5
REFI6
REFI7
REFI8
2
41
40
31
30
21
20
11
Reference In (Input) - Analog reference pin.
REFO1
REFO2
REFO3
REFO4
REFO5
REFO6
REFO7
REFO8
48
43
38
33
28
23
18
13
Reference Out (Output) - Analog reference pin.
VA+
15,
25,
35,
45
Positive Analog Power (Input) - Positive power for the internal analog section.
VA-
16,
26,
36,
46
Negative Analog Power (Input) - Negative power for the internal analog section.
RESET
3
Reset (Input) - The device enters a low-power mode when this pin is driven low.
MUTE
4
Mute (Input) - This pin defaults to an active low mute input, and may be configured as an active high
mute input.
SCL/CCLK
5
Serial Control Port Clock (Input) - Serial clock for the serial control port.
SDA/MOSI
6
Serial Control Data (Input/Output) - SDA is a data I/O line for the control port interface in I²C Mode.
MOSI is the input data line for the control port interface in SPI Mode.
AD0/CS
7
Default Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 sets the LSB of the default
chip address in I²C Mode. CS is the chip-select signal for SPI format.
ENOut
8
Enable Output (Output) - Enable output signal for multi-device serial control chain configuration.
DGND
9
Digital Ground (Input) - Ground reference for the internal digital section.
VD
10
Digital Power (Input) - Positive power for the internal digital section.
Pin Name
#
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com