Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 7Page - Cirrus Logic CS3318 Datasheet HTML 8Page - Cirrus Logic CS3318 Datasheet HTML 9Page - Cirrus Logic CS3318 Datasheet HTML 10Page - Cirrus Logic CS3318 Datasheet HTML 11Page - Cirrus Logic CS3318 Datasheet HTML 12Page - Cirrus Logic CS3318 Datasheet HTML 13Page - Cirrus Logic CS3318 Datasheet HTML 14Page - Cirrus Logic CS3318 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DS693F1
11
CS3318
CONTROL PORT SWITCHING CHARACTERISTICS - SPI™ FORMAT
(Inputs: Logic 0 = DGND, Logic 1 = VD, CL =20pF)
8.
Data must be held for sufficient time to bridge the transition time of CCLK.
9.
For fsck <1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fsck
06.0
MHz
RESET Rising Edge to CS Falling
tsrs
100
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
μs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 8)
tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 9)
tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 9)
tf2
-
100
ns
t
r2
t
f2
t
dsu
t dh
t sch
t scl
CS
MOSI
t css
t
csh
RESET
t srs
CCLK
Figure 2. Control Port Timing - SPI Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com