Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 6Page - Cirrus Logic CS3318 Datasheet HTML 7Page - Cirrus Logic CS3318 Datasheet HTML 8Page - Cirrus Logic CS3318 Datasheet HTML 9Page - Cirrus Logic CS3318 Datasheet HTML 10Page - Cirrus Logic CS3318 Datasheet HTML 11Page - Cirrus Logic CS3318 Datasheet HTML 12Page - Cirrus Logic CS3318 Datasheet HTML 13Page - Cirrus Logic CS3318 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
DS693F1
CS3318
CONTROL PORT SWITCHING CHARACTERISTICS - I²C FORMAT
(Inputs: Logic 0 = DGND, Logic 1 = VD, CL =20pF)
7.
Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RESET Rising Edge to Start
tirs
100
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 7)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc, trd
-1
µs
Fall Time SCL and SDA
tfc, tfd
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
tack
300
1000
ns
t
buf
t
hdst
t
lo w
t
hdd
t
high
t
sud
Stop
Start
SDA
SCL
t
irs
RESET
t
hdst
t
rc
t
fc
t sust
t susp
Sta rt
Stop
R epe a te d
t
rd
t
fd
t
ack
Figure 1. Control Port Timing - I²C Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com