Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 22Page - Cirrus Logic CS3318 Datasheet HTML 23Page - Cirrus Logic CS3318 Datasheet HTML 24Page - Cirrus Logic CS3318 Datasheet HTML 25Page - Cirrus Logic CS3318 Datasheet HTML 26Page - Cirrus Logic CS3318 Datasheet HTML 27Page - Cirrus Logic CS3318 Datasheet HTML 28Page - Cirrus Logic CS3318 Datasheet HTML 29Page - Cirrus Logic CS3318 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
DS693F1
CS3318
Once this configuration process is complete, every device may be independently controlled with a standard
SPI communication cycle using the device’s newly assigned Individual device addresses.
5.8.2.2
I²C Mode Control Configuration
Up to 128 CS3318’s may be connected to a common I²C serial control bus. This shared serial bus is used
to assign a unique device address to each device on the bus such that they may be independently ad-
dressed. To implement this method of device address configuration, the devices must be connected as
shown in Figure 11.
Note that the serial control signals SCL and SDA are connected in parallel to each CS3318. The active low
reset output of the system controller is connected to the RESET input of the first CS3318 in the chain. The
ENOut of the first device is connected to the RESET input of the second CS3318 whose ENOut signal is
connected to the third CS3318. This pattern of connecting the ENOut of device N to the RESET input of
device N+1 may be repeated for up to 128 devices per common I²C bus. If more than 128 devices are re-
quired in a system, separate SDA or SCL signals may be used to create additional chains of up to 128 de-
vices.
As each device is placed into reset (RESET is low), its ENOut signal is driven low. The ENOut signal will
continue to be driven low until the device is taken out of reset (RESET is high) and the Enable bit (see “En-
able Next Device (Bit 0)” on page 41) is set, at which time the ENOut signal will be driven high.
To configure a unique Individual device address for each device on the shared serial bus, the first device
must be reset (a low to high transition on its RESET pin), the Individual device address register must be
written (using the CS3318’s default device address) with a unique device address, and the Enable bit must
be set to take the next device in the serial control chain out of reset. This process may be repeated until all
devices in the serial control chain have been assigned a new Individual device address. Figure 10 dia-
grams this configuration process.
Notice that Figure 10 shows the setting of the Individual address and the setting of the Enable bit as two
discrete steps. While this demonstrates one approach to device configuration, it should be noted that two
steps are not necessary to complete the action of setting the Individual address and enabling the next de-
vice. This may be done simultaneously with one register write (containing the new Individual address and
the Enable bit set) to the Individual address register.
Once the configuration process is complete, every device may be independently controlled with a standard
I²C communication cycle using the device’s newly assigned Individual device addresses.
μC
SDA
SCL
Device 1
SCL
SDA
RESET
ENout
Device 2
SCL
SDA
RESET
ENout
Device 3
SCL
SDA
RESET
ENout
RST
Figure 11. I²C Serial Control Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com