Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 36Page - Cirrus Logic CS3318 Datasheet HTML 37Page - Cirrus Logic CS3318 Datasheet HTML 38Page - Cirrus Logic CS3318 Datasheet HTML 39Page - Cirrus Logic CS3318 Datasheet HTML 40Page - Cirrus Logic CS3318 Datasheet HTML 41Page - Cirrus Logic CS3318 Datasheet HTML 42Page - Cirrus Logic CS3318 Datasheet HTML 43Page - Cirrus Logic CS3318 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
DS693F1
41
CS3318
7.20
Individual Chip Address 1Bh
7.20.1
Individual Chip Address (Bits 7:1)
SPI Mode Default = 1000000b
I²C Mode Default = See Table 4 on page 27
Function:
These bits set the individual chip address, and may be modified at any time. See “System Serial Con-
trol Configuration” on page 23 and “I²C/SPI Serial Control Formats” on page 27 for more information.
7.20.2
Enable Next Device (Bit 0)
Default = 0
Function:
When set, the CS3318’s enable output pin (ENOut) will be driven high. When cleared, the CS3318’s
enable output pin (ENOut) will be driven low.
7.21
Chip ID - Address 1Ch
This is a Read-Only register.
7.21.1
Chip ID (Bits 7:4)
Default = 0110b
Function:
Chip ID code for the CS3318. Permanently set to 0110.
7.21.2
Chip Revision (Bits 3:0)
Default = xxxxb
Function:
Chip revision code for the CS3318. Encoded as shown in Table 10.
7
6
5
432
10
Ind_Addr6
Ind_Addr5
Ind_Addr4
Ind_Addr3
Ind_Addr2
Ind_Addr1
Ind_Addr0
Enable
7
6
5
432
10
ID3
ID2
ID1
ID0
Rev3
Rev2
Rev1
Rev0
Chip Revision
Register Code
A0, B0
0000b
Table 10. Chip Revision Register Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com