Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 8Page - Cirrus Logic CS3318 Datasheet HTML 9Page - Cirrus Logic CS3318 Datasheet HTML 10Page - Cirrus Logic CS3318 Datasheet HTML 11Page - Cirrus Logic CS3318 Datasheet HTML 12Page - Cirrus Logic CS3318 Datasheet HTML 13Page - Cirrus Logic CS3318 Datasheet HTML 14Page - Cirrus Logic CS3318 Datasheet HTML 15Page - Cirrus Logic CS3318 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
DS693F1
CS3318
3. TYPICAL CONNECTION DIAGRAM
2
41
40
31
30
21
20
11
REFI1
REFI2
REFI3
REFI4
REFI5
REFI6
REFI7
REFI8
48
43
38
33
28
13
18
13
REFO1
REFO2
REFO3
REFO4
REFO5
REFO6
REFO7
REFO8
1
42
39
32
29
22
19
12
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
47
44
37
34
27
24
17
14
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
4
6
7
SDA/MOSI
8
10
9
ENOut
VD
DGND
15
16
26
25
36
35
45
46
Host
Controller
Audio
Source
Audio
Outputs
+3.3 V
To Next CS3318
0.1 µF
+8 V to +9V
-8 V to -9V
+8 V to +9V
-8 V to -9V
+8 V to +9V
-8 V to -9V
+8 V to +9V
-8 V to -9V
0.1 µF
10 µF
0.1 µF
10 µF
0.1 µF
10 µF
0.1 µF
10 µF
MUTE
3
5
SCL/CCLK
RESET
AD0/CS
+3.3 V
See Note
Note:
Resistors are required for
I²C control port operation.
2 k
Ω
2 k
Ω
CS3318
Figure 3. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com