Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 36Page - Cirrus Logic CS3318 Datasheet HTML 37Page - Cirrus Logic CS3318 Datasheet HTML 38Page - Cirrus Logic CS3318 Datasheet HTML 39Page - Cirrus Logic CS3318 Datasheet HTML 40Page - Cirrus Logic CS3318 Datasheet HTML 41Page - Cirrus Logic CS3318 Datasheet HTML 42Page - Cirrus Logic CS3318 Datasheet HTML 43Page - Cirrus Logic CS3318 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
DS693F1
CS3318
7.18
Group 2 Chip Address 19h
7.18.1
Group 2 Chip Address (Bits 7:1)
SPI Mode Default = 1000000b
I²C Mode Default = See Table 4 on page 27.
Function:
These bits set the Group 2 chip address, and may be modified at any time. See “System Serial Con-
trol Configuration” on page 23 and “I²C/SPI Serial Control Formats” on page 27 for more information.
7.18.2
Enable Group 2 Address (Bit 0)
Default = 0
Function:
This bit controls the device’s recognition of the Group 2 address. When set, the device will respond
to serial communication when addressed with the Group 2 address. When cleared, the device will ig-
nore all serial communication when addressed with the Group 2 address.
7.19
Group 1 Chip Address 1Ah
7.19.1
Group 1 Chip Address (Bits 7:1)
SPI Mode Default = 1000000b
I²C Mode Default = See Table 4 on page 27.
Function:
These bits set the Group 1 chip address, and may be modified at any time. See “System Serial Con-
trol Configuration” on page 23 and “I²C/SPI Serial Control Formats” on page 27 for more information.
7.19.2
Enable Group 1 Address (Bit 0)
Default = 0
Function:
This bit controls the device’s recognition of the Group 1 address. When set, the device will respond
to serial communication when addressed with the Group 1 address. When cleared, the device will ig-
nore all serial communication when addressed with the Group 1 address.
76
543
21
0
G2_Addr6
G2_Addr5
G2_Addr4
G2_Addr3
G2_Addr2
G2_Addr1
G2_Addr0
EnG2Addr
76
543
21
0
G1_Addr6
G1_Addr5
G1_Addr4
G1_Addr3
G1_Addr2
G1_Addr1
G1_Addr0
EnG1Addr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com