Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 35Page - Cirrus Logic CS3318 Datasheet HTML 36Page - Cirrus Logic CS3318 Datasheet HTML 37Page - Cirrus Logic CS3318 Datasheet HTML 38Page - Cirrus Logic CS3318 Datasheet HTML 39Page - Cirrus Logic CS3318 Datasheet HTML 40Page - Cirrus Logic CS3318 Datasheet HTML 41Page - Cirrus Logic CS3318 Datasheet HTML 42Page - Cirrus Logic CS3318 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
DS693F1
39
CS3318
as dictated by the ZCMode[1:0] and TimeOut[2:0] bits in the Device Config 2 register (see “Device
Configuration 2 - Address 0Ch” on page 34).
The value of the Master 3 volume control register is mapped to the desired 0.5 dB step Master 3 vol-
ume setting by the following equation:
In the equation above, “Desired Volume Setting in dB” is determined by rounding the desired ¼ dB
resolution volume setting down to ½ dB resolution.
It should be noted that input values outside the CS3318’s analog range of +22 dB to -96 dB are valid,
however, the volume of each channel will be limited to the CS3318’s analog range (see “Volume Lim-
its” on page 20).
See Table 5 on page 31 for example register settings.
7.17
Master 3 Control - Address 18h
7.17.1
Master 3 Mute (Bit 1)
Default = 0
Function:
This bit controls the Master 3 mute state. When set, the Master 3 mute condition is active. When
cleared, the Master 3 mute condition is released.
See “Muting Controls” on page 21 for more information about the muting behavior of the CS3318.
7.17.2
Master 3 ¼ dB Control (Bit 0)
Default = 0
Function:
When set, ¼ dB of gain will be added to the Master 3 volume level.
See Table 6 on page 32 for an example of volume settings using the ¼ dB control.
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
M3_Mute
M3_Qtr
Register Value
2
Desired Volume Setting in dB
×
() 210
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com