Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 9Page - Cirrus Logic CS3318 Datasheet HTML 10Page - Cirrus Logic CS3318 Datasheet HTML 11Page - Cirrus Logic CS3318 Datasheet HTML 12Page - Cirrus Logic CS3318 Datasheet HTML 13Page - Cirrus Logic CS3318 Datasheet HTML 14Page - Cirrus Logic CS3318 Datasheet HTML 15Page - Cirrus Logic CS3318 Datasheet HTML 16Page - Cirrus Logic CS3318 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DS693F1
13
CS3318
4. DETAILED BLOCK DIAGRAM
Control Registers
8
ENOut
3
6
5
7
4
SDA/MOSI
SCL/CLLK
RESET
MUTE
AD0/CS
OUT1
+
_
1
47
0 ~ -96 dB
0 ~ +22 dB
2
RIN
ROUT
IN1
REFI1
Zero Crossing Detector
REFO1
48
OUT2
+
_
42
44
0 ~ -96 dB
0 ~ +22 dB
41
RIN
ROUT
IN2
REFI2
Zero Crossing Detector
REFO2
43
OUT3
+
_
39
37
0 ~ -96 dB
0 ~ +22 dB
40
RIN
ROUT
IN3
REFI3
Zero Crossing Detector
REFO3
38
OUT4
+
_
32
34
0 ~ -96 dB
0 ~ +22 dB
31
RIN
ROUT
IN4
REFI4
Zero Crossing Detector
REFO4
33
OUT5
+
_
29
27
0 ~ -96 dB
0 ~ +22 dB
30
RIN
ROUT
IN5
REFI5
Zero Crossing Detector
REFO5
28
OUT6
+
_
22
24
0 ~ -96 dB
0 ~ +22 dB
21
RIN
ROUT
IN6
REFI6
Zero Crossing Detector
REFO6
23
OUT7
+
_
19
17
0 ~ -96 dB
0 ~ +22 dB
20
RIN
ROUT
IN7
REFI7
Zero Crossing Detector
REFO7
18
OUT8
+
_
12
14
0 ~ -96 dB
0 ~ +22 dB
11
RIN
ROUT
IN8
REFI8
Zero Crossing Detector
REFO8
13
Ch. 4
Control
Ch. 3
Control
Ch. 2
Control
Ch. 1
Control
Ch. 8
Control
Ch. 7
Control
Ch. 6
Control
Ch. 5
Control
35
VA+
36
VA-
45
VA+
46
VA-
25
VA+
26
VA-
15
VA+
16
VA-
10
VD
9
DGND
Figure 4. Detailed Block Diagram
Refer to the Analog Characteristics
table on page 8 for the specified
values of RIN and ROUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com