Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 29Page - Cirrus Logic CS3318 Datasheet HTML 30Page - Cirrus Logic CS3318 Datasheet HTML 31Page - Cirrus Logic CS3318 Datasheet HTML 32Page - Cirrus Logic CS3318 Datasheet HTML 33Page - Cirrus Logic CS3318 Datasheet HTML 34Page - Cirrus Logic CS3318 Datasheet HTML 35Page - Cirrus Logic CS3318 Datasheet HTML 36Page - Cirrus Logic CS3318 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
DS693F1
33
CS3318
7.3
Mute Control - Address 0Ah
7.3.1
Mute Channel X (Bit 0 - 7)
Default = 0
Function:
Each bit controls the individual mute state of its respective channel. When set, the mute condition is
active. When cleared, the mute condition is released.
See “Muting Controls” on page 21 for more information about the muting behavior of the CS3318.
7.4
Device Configuration 1 - Address 0Bh (Bit 5)
7.4.1
Enable MUTE Input (Bit 5)
Default = 1
Function:
When set, the MUTE input pin is enabled and will generate a mute condition when active. When
cleared, the MUTE input pin is ignored and will not generate a mute condition.
7.4.2
MUTE Input Polarity (Bit 4)
Default = 0
Function:
This bit controls the active level of the MUTE input pin.
When set, the mute condition is active when the MUTE pin is high. When cleared, the mute condition
is active when the MUTE pin is low.
7
6
5
432
10
MuteCh8
MuteCh7
MuteCh6
MuteCh5
MuteCh4
MuteCh3
MuteCh2
MuteCh1
7
6
5
432
10
Reserved
Reserved
EnMuteIn
MutePolarity
Ch8=7
Ch6=5
Ch4=3
Ch2=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com