Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 30Page - Cirrus Logic CS3318 Datasheet HTML 31Page - Cirrus Logic CS3318 Datasheet HTML 32Page - Cirrus Logic CS3318 Datasheet HTML 33Page - Cirrus Logic CS3318 Datasheet HTML 34Page - Cirrus Logic CS3318 Datasheet HTML 35Page - Cirrus Logic CS3318 Datasheet HTML 36Page - Cirrus Logic CS3318 Datasheet HTML 37Page - Cirrus Logic CS3318 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
DS693F1
CS3318
7.4.3
Channel B = Channel A (Bit 0 - 3)
Default = 0
Function:
When this bit is set, Channel A and Channel B volume levels and muting conditions are controlled by
the Channel A volume and muting register settings, and the Channel B register settings are ignored.
When this bit is cleared, Channel A and Channel B volume and mute settings are independently con-
trolled by the A and B volume and muting bits.
7.5
Device Configuration 2 - Address 0Ch
7.5.1
Zero-Crossing Time-Out Period (Bits 4:2)
Default = 011
Function:
These bits set the zero-crossing time-out period as shown in Table 9. Refer to the “Zero-Crossing
Time-Out” section on page 22 for more information.
Bit Name
Bit Setting
Control Configuration
Ch8=7
0
Channel 7 and 8 mute and volume settings controlled independently
1
Channel 7 and 8 mute and volume settings controlled by Channel 7 register
settings. Channel 8 register settings are ignored.
Ch6=5
0
Channel 5 and 6 mute and volume settings controlled independently
1
Channel 5 and 6 mute and volume settings controlled by Channel 5 register
settings. Channel 6 register settings are ignored.
Ch4=3
0
Channel 3 and 4 mute and volume settings controlled independently
1
Channel 3 and 4 mute and volume settings controlled by Channel 3 register
settings. Channel 4 register settings are ignored
Ch2=1
0
Channel 1 and 2 mute and volume settings controlled independently
1
Channel 1 and 2 mute and volume settings controlled by Channel 1 register
settings. Channel 2 register settings are ignored
Table 7. Channel B = Channel A Settings
76
543
21
0
Reserved
Reserved
Reserved
TimeOut2
TimeOut1
TimeOut0
ZCMode1
ZCMode0
TimeOut[2:0]
Zero-Crossing
Time-Out Period
000
5 ms
001
10 ms
010
15 ms
011
18 ms
100
20 ms
101
30 ms
110
40 ms
111
50 ms
Table 8. Zero-Crossing Time-Out Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com