Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 18Page - Cirrus Logic CS3318 Datasheet HTML 19Page - Cirrus Logic CS3318 Datasheet HTML 20Page - Cirrus Logic CS3318 Datasheet HTML 21Page - Cirrus Logic CS3318 Datasheet HTML 22Page - Cirrus Logic CS3318 Datasheet HTML 23Page - Cirrus Logic CS3318 Datasheet HTML 24Page - Cirrus Logic CS3318 Datasheet HTML 25Page - Cirrus Logic CS3318 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
DS693F1
CS3318
5.7
Zero-Crossing Detection
The CS3318 incorporates comprehensive zero-crossing detection features to provide for noise-free level
transitions. Three zero-crossing detection modes and 8 selectable time-out periods are available for en-
hanced flexibility. Zero-crossing detection and time-out is implemented independently for each channel.
5.7.1
Zero-Crossing Modes
The zero-crossing mode for all channels within the CS3318 are configured via the ZCMode[1:0] bits in the
Device Config 2 register. By default, zero-crossing mode 1 is selected. The zero-crossing modes are de-
tailed in Table 2.
5.7.2
Zero-Crossing Time-Out
When in zero-crossing mode 1 or 2, the zero-crossing time-out period dictates how long the CS3318 will
wait for a signal zero-crossing before implementing the requested volume change without a zero-cross-
ing, thereby allowing the possibility of audible artifacts. The CS3318 provides 8 selectable time-out peri-
ods ranging from 5 ms to 50 ms; these are shown in Table 3.
The zero-crossing time-out period for all channels within the CS3318 is configured via the TimeOut[2:0]
bits in the Device Config 2 register. The time-out period is set to 18 ms (setting 3) by default.
Mode
Zero-Crossing Function
0
Volume changes take effect immediately.
1
Volume changes take effect on a signal zero-crossing. If a zero-crossing is not detected before the time-
out period has elapsed, the volume change will be implemented immediately when the time-out period
elapses. If the volume setting is changed again before the original volume change has been imple-
mented, the original change will be discarded, the time-out period will be reset, and the new volume set-
ting will take effect when a zero-crossing is detected or the time-out period elapses.
2
Volume changes take effect on a signal zero-crossing. If a zero-crossing is not detected before the time-
out period has elapsed, the volume change will be implemented immediately when the time-out period
elapses. If the volume setting is changed again before the original volume change has been imple-
mented, the original volume change will be implemented immediately upon reception of the new volume
change command, the time-out period will be reset, and the new volume setting will take effect when a
zero-crossing is detected or the time-out period elapses.
Table 2. Zero-Crossing Modes
Referenced Control
Register Location
ZCMode[1:0] ....................... “Zero-Crossing Mode (Bits 1:0)” on page 35
Time-Out Setting
Time-Out Period
05 ms
110 ms
215 ms
318 ms
420 ms
530 ms
640 ms
750 ms
Table 3. Zero-Crossing Time-Out Periods
Referenced Control
Register Location
TimeOut[2:0] ....................... “Zero-Crossing Time-Out Period (Bits 4:2)” on page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com