Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 20Page - Cirrus Logic CS3318 Datasheet HTML 21Page - Cirrus Logic CS3318 Datasheet HTML 22Page - Cirrus Logic CS3318 Datasheet HTML 23Page - Cirrus Logic CS3318 Datasheet HTML 24Page - Cirrus Logic CS3318 Datasheet HTML 25Page - Cirrus Logic CS3318 Datasheet HTML 26Page - Cirrus Logic CS3318 Datasheet HTML 27Page - Cirrus Logic CS3318 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
DS693F1
CS3318
5.8.2
Serial Control within a Multiple-CS3318 System
The CS3318 allows both independent and simultaneous control of up to 128 devices on a shared I²C or
SPI serial control bus. The address of each device is configured by the host controller via the shared serial
control bus. All serial communication, including the configuration of each device’s address, adheres to a
standard I²C or SPI bus protocol.
A device’s Individual device address, which provides read and write access to the device’s internal regis-
ters, should be set to a unique value, different from all other addresses recognized by devices on the serial
communication bus. This address facilitates independent control of each CS3318 on the serial control
bus.
A device’s Group 1 and Group 2 addresses, which provide write-only access to the device’s internal reg-
isters, may be set to the same value across multiple CS3318’s on the shared serial communication bus.
Assigning common Group addresses to multiple devices in a system allows system sub-master and sys-
tem master volume control. For instance, a system containing 8 CS3318’s may configure the Group 1 ad-
dress of the first set of 4 CS3318’s to 10h, the Group 1 address of the second set of 4 CS3318’s to 20h,
and the Group 2 address of all 8 CS3318’s to A0h. In this manner, a serial control data write to address
10h would act as a system sub-master control to the first set of 4 devices, a write to 20h would act as a
system sub-master control to the second set of 4 devices, and a write to A0h would act as a system mas-
ter control to all devices.
By default, the CS3318 will not respond to serial communication when addressed with its Group 1 or
Group 2 address. The CS3318 will only respond to one or both of these addresses if the corresponding
address has been enabled via the control port. To enable a Group address, its corresponding Enable bit,
located in the LSB of its respective Group address register, must be set.
The CS3318 implements an ENOut signal to facilitate the device address configuration process. This sig-
nal is used to hold all but one un-configured device in a reset state. After the Individual device address of
each device has been set, the ENOut signal is used to enable the “next” device in the chain, allowing its
Individual device address to be set. See “SPI Mode Serial Control Configuration” section on page 24 and
“I²C Mode Control Configuration” on page 26 for more information about system configuration in each
communication mode.
5.8.2.1
SPI Mode Serial Control Configuration
Up to 128 CS3318’s sharing the same CS signal may be connected to a common SPI serial control bus.
This shared serial bus is used to assign a unique device address to each device on the bus such that they
may be independently addressed. To implement this method of device address configuration, the devices
must be connected as shown in Figure 9.
Note that the serial control signals CCLK, CS, and MOSI are connected in parallel to each CS3318. The
active low reset output of the system controller is connected to the RESET input of the first CS3318 in the
chain. The ENOut of the first device is connected to the RESET input of the second CS3318 whose ENOut
signal is connected to the third CS3318. This pattern of connecting the ENOut of device N to the RESET
μC
CCLK
MOSI
CS
Device 1
CS
CCLK
MOSI
RESET
ENout
Device 2
CS
CCLK
MOSI
RESET
ENout
Device 3
CS
CCLK
MOSI
RESET
ENout
RST
Figure 9. SPI Serial Control Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com