Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 19Page - Cirrus Logic CS3318 Datasheet HTML 20Page - Cirrus Logic CS3318 Datasheet HTML 21Page - Cirrus Logic CS3318 Datasheet HTML 22Page - Cirrus Logic CS3318 Datasheet HTML 23Page - Cirrus Logic CS3318 Datasheet HTML 24Page - Cirrus Logic CS3318 Datasheet HTML 25Page - Cirrus Logic CS3318 Datasheet HTML 26Page - Cirrus Logic CS3318 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
DS693F1
23
CS3318
5.8
System Serial Control Configuration
The CS3318 includes a comprehensive serial control port which supports both SPI and I²C modes of com-
munication (See the “I²C/SPI Serial Control Formats” section on page 27). The control port uses the shared
serial control bus to define each device’s slave address. This allows independent control of up to 128 de-
vices on the shared serial control bus without requiring hardware device address configuration pins or any
more than one CS signal (for SPI mode).
Each device will respond to three different chip addresses; Individual, Group 1, and Group 2. The device’s
Individual chip address provides read and write access to the CS3318’s internal registers. The device’s
Group 1 and Group 2 addresses provide write-only access to the CS3318’s internal registers. If a read op-
eration is requested using either the Group 1 or Group 2 address, the devices will not respond to the re-
quest. Upon the release of RESET, each of these device addresses initializes to the default address. In this
state, the device will respond to both register reads and writes when addressed with this default address.
Each of the device’s addresses may be changed via a standard serial register write to an internal register
of the CS3318. Using this method, each device may be assigned a unique Individual address, and groups
of devices may be assigned shared Group 1 and Group 2 addresses for simultaneous control. Use of the
master volume and mute controls in combination with the available group addresses provides for easy mas-
ter and sub-master control within a multiple CS3318 system.
5.8.1
Serial Control within a Single-CS3318 System
In a single CS3318 system, no special attention must be given to the serial control port operation of the
CS3318. The standard serial control signals (SDA and SCL for I²C Mode, or MOSI, CCLK, and CS for SPI
Mode) should be connected to the system controller, and the ENOut signal is not used (see
Figures 7 and 8). Upon the release of RESET, the CS3318 must be addressed with its default chip ad-
dress.
Although it is not necessary, the default Individual, Group 1, and Group 2 chip addresses may be changed
by writing their respective control port registers. Once the contents of these registers has been modified,
the device must be addressed with the registers’ new contents. When the device is reset, its device ad-
dresses will return to their default value.
Referenced Control
Register Location
Individual Address ............... “Individual Chip Address 1Bh” on page 41
Group 1 Address ................. “Group 1 Chip Address 1Ah” on page 40
Group 2 Address ................. “Group 2 Chip Address 19h” on page 40
μC
CCLK
MOSI
CS
CS
CCLK
MOSI
Reset
ENout
RST
Figure 8. Standard SPI Connections
μC
SDA
SCL
SCL
SDA
Reset
ENout
RST
Figure 7. Standard I²C Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com