Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3318 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3318 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS3318 Datasheet HTML 4Page - Cirrus Logic CS3318 Datasheet HTML 5Page - Cirrus Logic CS3318 Datasheet HTML 6Page - Cirrus Logic CS3318 Datasheet HTML 7Page - Cirrus Logic CS3318 Datasheet HTML 8Page - Cirrus Logic CS3318 Datasheet HTML 9Page - Cirrus Logic CS3318 Datasheet HTML 10Page - Cirrus Logic CS3318 Datasheet HTML 11Page - Cirrus Logic CS3318 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
DS693F1
CS3318
ANALOG CHARACTERISTICS
(Test conditions (unless otherwise specified): RS =0; RL =20kΩ; CL = 20 pF; 10 Hz to 20 kHz Measurement
Bandwidth)
3.
Vin =[(VFS Max -VFS Min)-1.6V]Vp-p, 1 kHz, Volume = 0 dB.
Note that for (VA+) = -(VA-) = 9 V, Vin =13.7Vp-p =4.8 VRMS.
4.
Measured with input grounded and volume = 0 dB. Will increase as a function of volume settings >0 dB.
5.
Power-down is defined as RESET = low, all clock and data lines held static, and no analog input signals
applied.
Parameter
Symbol
Min
Typ
Max
Unit
DC Characteristics
Step Size
-0.25-
dB
Gain Error
(Vol = +22 dB)
-
±0.5
-
dB
Gain Matching Between Channels
(Vol = +22 dB)
-
±0.1
-
dB
Input Resistance
RIN
810
-
k
Ω
Input Capacitance
CIN
-10-
pF
AC Characteristics
Total Harmonic Distortion + Noise
(Note 3) THD+N
-
0.00025
0.00063
%
Dynamic Range
121
127
-
dB
Input/Output Voltage Range
(THD+N < 1 %)
VFS
(VA-) + 1.35
-
(VA+) - 1.35
V
Output Noise
(Note 4)
-1.8
3.6
μVrms
Interchannel Isolation
(1 kHz)
-
-120
-
dB
Output Buffer
Offset Voltage
(Note 4)
VOS
-0.75
5
mV
Output Resistance
ROUT
-100
-
Ω
AC Load Resistance
RLOAD
2-
-
k
Ω
Load Capacitance
-
-
100
pF
Short Circuit Current
-
20
-
mA
Unity Gain Bandwidth, Small Signal
-
5
-
MHz
Power Supplies
Supply Current (No Load, Vin = 0 V)
Normal Operation
Power-Down, All Supplies (Note 5)
IVA+
IVA-
IVD
IPD
-
-
-
-
36
36
0.6
60
50
50
1.07
-
mA
mA
mA
μA
Power Consumption
Normal Operation
Power Down (Note 5)
-
-
650
540
904
-
mW
μW
Power Supply Rejection Ratio (250 Hz)
PSRR
-
80
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com