Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 21Page - Microchip Technology MCP3910 Datasheet HTML 22Page - Microchip Technology MCP3910 Datasheet HTML 23Page - Microchip Technology MCP3910 Datasheet HTML 24Page - Microchip Technology MCP3910 Datasheet HTML 25Page - Microchip Technology MCP3910 Datasheet HTML 26Page - Microchip Technology MCP3910 Datasheet HTML 27Page - Microchip Technology MCP3910 Datasheet HTML 28Page - Microchip Technology MCP3910 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 25
MCP3910
TABLE 4-2:
DEVICE DATA RATES IN FUNCTION OF MCLK, OSR AND PRESCALE, MCLK = 4 MHz
PRE[1:0]
OSR[2:0]
OSR
AMCLK
DMCLK
DRCLK
DRCLK
(ksps)
SINAD
(dB)(1)
ENOB from
SINAD (bits)(1)
11
1
1
1
4096
MCLK/8
MCLK/32
MCLK/131072
.035
102.5
16.7
11
1
1
1
2048
MCLK/8
MCLK/32
MCLK/65536
.061
100
16.3
11
1
1
1
1024
MCLK/8
MCLK/32
MCLK/32768
.122
97
15.8
11
1
1
1
512
MCLK/8
MCLK/32
MCLK/16384
.244
96
15.6
11
0
1
1
256
MCLK/8
MCLK/32
MCLK/8192
0.488
95
15.5
11
0
1
0
128
MCLK/8
MCLK/32
MCLK/4096
0.976
90
14.7
11
0
0
1
64
MCLK/8
MCLK/32
MCLK/2048
1.95
83
13.5
11
0
0
0
32
MCLK/8
MCLK/32
MCLK/1024
3.9
70
11.3
10
1
1
1
4096
MCLK/4
MCLK/16
MCLK/65536
.061
102.5
16.7
10
1
1
1
2048
MCLK/4
MCLK/16
MCLK/32768
.122
100
16.3
10
1
1
1
1024
MCLK/4
MCLK/16
MCLK/16384
.244
97
15.8
10
1
1
1
512
MCLK/4
MCLK/16
MCLK/8192
.488
96
15.6
10
0
1
1
256
MCLK/4
MCLK/16
MCLK/4096
0.976
95
15.5
10
0
1
0
128
MCLK/4
MCLK/16
MCLK/2048
1.95
90
14.7
10
0
0
1
64
MCLK/4
MCLK/16
MCLK/1024
3.9
83
13.5
10
0
0
0
32
MCLK/4
MCLK/16
MCLK/512
7.8125
70
11.3
01
1
1
1
4096
MCLK/2
MCLK/8
MCLK/32768
.122
102.5
16.7
01
1
1
1
2048
MCLK/2
MCLK/8
MCLK/16384
.244
100
16.3
01
1
1
1
1024
MCLK/2
MCLK/8
MCLK/8192
.488
97
15.8
01
1
1
1
512
MCLK/2
MCLK/8
MCLK/4096
.976
96
15.6
01
0
1
1
256
MCLK/2
MCLK/8
MCLK/2048
1.95
95
15.5
01
0
1
0
128
MCLK/2
MCLK/8
MCLK/1024
3.9
90
14.7
01
0
0
1
64
MCLK/2
MCLK/8
MCLK/512
7.8125
83
13.5
01
0
0
0
32
MCLK/2
MCLK/8
MCLK/256
15.625
70
11.3
00
1
1
1
4096
MCLK
MCLK/4
MCLK/16384
.244
102.5
16.7
00
1
1
0
2048
MCLK
MCLK/4
MCLK/8192
.488
100
16.3
00
1
0
1
1024
MCLK
MCLK/4
MCLK/4096
.976
97
15.8
00
1
0
0
512
MCLK
MCLK/4
MCLK/2048
1.95
96
15.6
00
0
1
1
256
MCLK
MCLK/4
MCLK/1024
3.9
95
15.5
00
0
1
0
128
MCLK
MCLK/4
MCLK/512
7.8125
90
14.7
00
0
0
1
64
MCLK
MCLK/4
MCLK/256
15.625
83
13.5
00
0
0
0
32
MCLK
MCLK/4
MCLK/128
31.25
70
11.3
Note 1:
For OSR = 32 and 64, DITHER = None. For OSR = 128 and higher, DITHER = Maximum. The SINAD
values are given from GAIN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com