Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 42Page - Microchip Technology MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology MCP3910 Datasheet HTML 45Page - Microchip Technology MCP3910 Datasheet HTML 46Page - Microchip Technology MCP3910 Datasheet HTML 47Page - Microchip Technology MCP3910 Datasheet HTML 48Page - Microchip Technology MCP3910 Datasheet HTML 49Page - Microchip Technology MCP3910 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
MCP3910
DS20005116D-page 46
 2012-2020 Microchip Technology Inc.
.
FIGURE 6-1:
Control Byte.
The default device Address bits are A[6:5] = 01
(contact the Microchip factory for other available device
address bits). For more information, see the Product
Identification System
section. The register map is
defined in Table 9-1.
6.3
Reading from the Device
The first register read on the SDO pin is the one defined
by the address (A[4:0]) given in the control byte. After
this first register is fully transmitted, if the CS pin is
maintained logic low, the communication continues with-
out an additional control byte and the SDO pin transmits
another register with the address automatically
incremented.
Four different Read mode configurations can be defined
through the READ[1:0] bits in the STATUSCOM register
for the address increment (see Section 6.5 “Continu-
ous Communications, Looping on Register Sets”
and Table 9-2). The data on SDO are clocked out of the
MCP3910 on the falling edge of SCK. The reading
format for each register is defined in Section 5.5 “ADC
Output Coding”
.
FIGURE 6-2:
Read on a Single Register with 24-Bit Format (WIDTH_DATA[1:0] = 01,
SPI Mode 1,1).
FIGURE 6-3:
Read on a Single Register with 24-Bit Format (WIDTH_DATA[1:0] = 01,
SPI Mode 0,0).
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
R/W
Device
Address
Register Address
Read/
Write
READ Communication (SPI mode 1,1)
Don’t care
Don’t care
SCK
SDI
SDO
CS
DATA<0>
Hi-Z
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
R/W
High Z
High Z
READ Communication (SPI mode 0,0)
Don’t care
Don’t care
Don’t care
SCK
SDI
SDO
CS
DATA<23>
Hi-Z
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
High Z
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com