Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 46Page - Microchip Technology MCP3910 Datasheet HTML 47Page - Microchip Technology MCP3910 Datasheet HTML 48Page - Microchip Technology MCP3910 Datasheet HTML 49Page - Microchip Technology MCP3910 Datasheet HTML 50Page - Microchip Technology MCP3910 Datasheet HTML 51Page - Microchip Technology MCP3910 Datasheet HTML 52Page - Microchip Technology MCP3910 Datasheet HTML 53Page - Microchip Technology MCP3910 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
MCP3910
DS20005116D-page 50
 2012-2020 Microchip Technology Inc.
6.5.2
CONTINUOUS WRITE
For the Continuous Write modes, the address selection
can take the two following values:
SDO is always in a high-impedance state during a con-
tinuous write communication. Writing to a non-writable
address (such as addresses: 0x00 to 0x07, or any of
the unused register’s addresses) has no effect and
does not increment the Address Pointer. In this case,
the user needs to stop the communication and restart a
communication with a control byte pointing to a writable
address (0x08 to 0x1F).
6.6
Situations that Reset and Restart
Active ADCs
Immediately after the following actions, the active
ADCs (the ones not in Soft Reset or Shutdown modes)
are reset and automatically restarted in order to provide
proper operation:
1.
Change in PHASE register.
2.
Overwrite of the same PHASE register value.
3.
Change in the OSR[2:0] settings.
4.
Change in the PRE[1:0] settings.
5.
Change in the CLKEXT setting.
6.
Change in the VREFEXT setting.
After these temporary Resets, the ADCs go back to
normal operation with no need for an additional
command. Each ADC Data Output register is cleared
during this process. The PHASE register can be used
to serially soft reset the ADCs, without using the
RESET[1:0] bits in the Configuration register, if the
same value is written in the PHASE register.
6.7
Data Ready Pin (DR)
To communicate when channel data are ready for
transmission, the data ready signal is available on the
Data Ready pin (DR) at the end of a channel conver-
sion. The Data Ready pin outputs an active-low pulse
with a pulse width equal to half a DMCLK clock period.
After a data ready pulse falling edge has occurred, the
ADC output data are updated within the tDODR timing
and can then be read through SPI communication.
The first data ready pulse after a Hard or a Soft Reset
is located after the settling time of the SINC filter (see
Table 5-4) plus the phase delay of the corresponding
channel (see Section 5.9 “Phase Delay Block”).
Each subsequent pulse is then periodic, and the period
is equal to a DRCLK clock period (see Equation 4-3
and Figure 1-3). The data ready pulse is always
synchronous with the internal DRCLK clock.
The DR pin can be used as an interrupt pin when
connected to an MCU or DSP, which will synchronize
the readings of the ADC data outputs. When not
active-low, this pin can either be in high-impedance
(when DR_HIZ = 0) or in a defined logic high state
(when DR_HIZ = 1). This is controlled through the
STATUSCOM register. This allows multiple devices to
share the same Data Ready pin (with a pull-up resistor
connected between DR and DVDD). If only the
MCP3910 device is connected on the interrupt bus, the
DR pin does not require a pull-up resistor, and therefore,
it is recommended to use the DR_HIZ = 1 configuration
for such applications.
The CS pin has no effect over the DR pin, which means
even if the CS pin is logic high, the data ready pulses
coming from the active ADC channels will still be pro-
vided; the DR pin behavior is independent from the SPI
interface. While the RESET pin is logic low, the DR pin
is not active. The DR pin is latched in the logic low state
when the interrupt flag on the CRCREG is present to
signal that the desired register configuration has been
corrupted (see Section 6.11 “Detecting Configuration
Change through CRC-16 Checksum on Register
Map and its Associated Interrupt Flag”
).
TABLE 6-2:
ADDRESS SELECTION IN
CONTINUOUS WRITE
WRITE
Register Address Set Grouping for
Continuous Write Communications
0
Static (no incrementation)
1
Types (Default)
Note:
When the LOCK[7:0] bits are different than
0xA5, all the addresses, except 0x1F,
become non-writable (see Section 6.10,
Locking/Unlocking Register Map Write
Access
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com