Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology MCP3910 Datasheet HTML 42Page - Microchip Technology MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology MCP3910 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 41
MCP3910
The Phase Delay registers can be programmed once
with the OSR = 4096 setting and will adjust the OSR
automatically afterward without the need to change the
value of the PHASE registers.
• OSR = 4096
: The delay can go from -2048 to
+2047. PHASE[11] is the sign bit. PHASE[10] is
the MSB and PHASE[0] is the LSB.
• OSR = 2048
: The delay can go from -1024 to
+1023. PHASE[10] is the sign bit. PHASE[9] is
the MSB and PHASE[0] is the LSB.
• OSR = 1024
: The delay can go from -512 to +511.
PHASE[9] is the sign bit. PHASE[8] is the MSB
and PHASE[0] is the LSB.
• OSR = 512
: The delay can go from -256 to +255
PHASE[8] is the sign bit. PHASE[7] is the MSB
and PHASE[0] is the LSB.
• OSR = 256: The delay can go from -128 to +127.
PHASE[7] is the sign bit. PHASE[6] is the MSB
and PHASE[0] is the LSB.
• OSR = 128: The delay can go from -64 to +63.
PHASE[6] is the sign bit. PHASE[5] is the MSB
and PHASE[0] is the LSB.
• OSR = 64: The delay can go from -32 to +31.
PHASE[5] is the sign bit. PHASE[4] is the MSB
and PHASE[0] is the LSB.
• OSR = 32: The delay can go from -16 to +15.
PHASE[4] is the sign bit. PHASE[3] is the MSB
and PHASE[0] is the LSB.
5.10
Crystal Oscillator
The MCP3910 includes a Pierce-type crystal oscillator
with very high stability, and ensures very low tempco
and jitter for the clock generation. This oscillator can
handle crystal frequencies up to 20 MHz, provided that
proper load capacitances and quartz quality factor are
used. The crystal oscillator is enabled when CLKEXT = 0
in the CONFIG1 register, therefore it cannot be enabled
during the Two-Wire Interface mode; it is only
selectable in the SPI mode.
For a proper start-up, the load capacitors of the crystal
should be connected between OSC1 and DGND, and
between OSC2 and DGND. They should also respect
Equation 5-7.
EQUATION 5-7:
When CLKEXT = 1, the crystal oscillator is bypassed
by a digital buffer to allow direct clock input for an
external clock (see Figure 4-1). In this case, OSC2
becomes the MODE select input pin for the Interface
mode. When MODE = 0, the digital interface stays in
SPI mode; when MODE = 1, the digital interface
toggles to the Two-Wire mode. A pull-down current
forces the MODE to be logic low (SPI mode) by default
if the OSC2 pin is floating.
The external clock should not be higher than 20 MHz
before prescaling (MCLK < 20 MHz) for proper
operation.
TABLE 5-9:
PHASE VALUES WITH
MCLK = 4 MHz, OSR = 4096,
PRE[1:0] = 00
PHASE[11:0]
Hex
Delay
(CH0 relative
to CH1)
011111 111111
0x7FF
+ 2047 µs
011111 111110
0x7FE
+ 2046 µs
000000 000001
0x001
+ 1 µs
000000 000000
0x000
0 µs
111111 111111
0xFFF
– 1 µs
100000 000001
0x801
– 2047 µs
100000 000000
0x800
– 2048 µs
Note:
In addition to the conditions defining the
maximum MCLK input frequency range,
the AMCLK frequency should be main-
tained inferior to the maximum limits
defined in Table 5-2 to ensure the accu-
racy of the ADCs. If these limits are
exceeded, it is recommended to choose
either a larger OSR or a larger prescaler
value so that AMCLK can respect these
limits.
R
M
1.6
10
6
1
fC
LOAD
-------------------------


2
<
Where:
f = Crystal frequency in MHz
CLOAD = Load capacitance in pF including
parasitics from the PCB
RM = Motional resistance of the quartz, in
ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com