Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 27Page - Microchip Technology MCP3910 Datasheet HTML 28Page - Microchip Technology MCP3910 Datasheet HTML 29Page - Microchip Technology MCP3910 Datasheet HTML 30Page - Microchip Technology MCP3910 Datasheet HTML 31Page - Microchip Technology MCP3910 Datasheet HTML 32Page - Microchip Technology MCP3910 Datasheet HTML 33Page - Microchip Technology MCP3910 Datasheet HTML 34Page - Microchip Technology MCP3910 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 31
MCP3910
5.0
DEVICE OVERVIEW
5.1
Analog Inputs (CHn+/CHn-)
The MCP3910 analog inputs can be connected directly
to current and voltage transducers (such as shunts,
current transformers or Rogowski coils). Each input pin
is protected by specialized ESD structures that allow
bipolar ±2V continuous voltage, with respect to AGND, to
be present at their inputs without the risk of permanent
damage.
All channels have fully differential voltage inputs for
better noise performance. The absolute voltage at each
pin, relative to AGND, should be maintained in the ±1V
range during operation in order to ensure the specified
ADC accuracy. The Common-mode signals should be
adapted to respect both the previous conditions and
the differential input voltage range. For best
performance, the Common-mode signals should be
maintained to AGND.
5.2
Programmable Gain Amplifiers
(PGAs)
The Programmable Gain Amplifiers (PGAs) reside at
the front end of each Delta-Sigma ADC. They have two
functions: translate the Common-mode voltage of the
input from AGND to an internal level between AGND and
AVDD, and amplify the input differential signal. The
translation of the Common-mode voltage does not
change the differential signal, but re-centers the
Common-mode so that the input signal can be properly
amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the Delta-Sigma
modulator must not be exceeded. The PGA for
Channel n is controlled by the PGA_CHn[2:0] bits in the
GAIN register. Table 5-1 displays the gain settings for
the PGA.
5.3
Delta-Sigma Modulator
5.3.1
ARCHITECTURE
All ADCs are identical in the MCP3910 and they
include a proprietary second-order modulator with a
multibit 5-level DAC architecture (see Figure 5-1). The
quantizer is a Flash ADC, composed of four compara-
tors with equally spaced thresholds and a thermometer
output coding. The proprietary 5-level architecture
ensures minimum quantization noise at the outputs of
the modulators, without disturbing linearity or inducing
additional distortion. The sampling frequency is DMCLK
(typically 1 MHz with MCLK = 4 MHz), so the modulators
are refreshed at a DMCLK rate.
Figure 5-1 represents a simplified block diagram of the
Delta-Sigma ADC present on MCP3910.
FIGURE 5-1:
Simplified Delta-Sigma ADC
Block Diagram.
Note:
If the analog inputs are held to a potential
of -0.6 to -1V for extended periods of time,
MCLK must be present inside the device
in order to avoid large leakage currents at
the analog inputs. This is true even during
Hard Reset mode or during the Soft Reset
of all ADCs. However, during the Shut-
down mode of all the ADCs or during the
POR state, the clock is not distributed
inside the circuit. During these states, it is
recommended to keep the analog input
voltages above -0.6V, referred to as AGND,
to avoid high analog input leakage
currents.
TABLE 5-1:
PGA CONFIGURATION
SETTING
Gain
PGA_CHn[2:0]
Gain
(V/V)
Gain
(dB)
VIN Range (V)
00
0
10
±0.6
00
1
26
±0.3
01
0
412
±0.15
01
1
818
±0.075
10
0
16
24
±0.0375
10
1
32
30
±0.01875
Note:
The two undefined settings are G = 1. This
table is defined with VREF =1.2V.
Loop
Filter
Quantizer
DAC
Differential
Voltage Input
Output
Bitstream
5-Level
Flash ADC
MCP3910 Delta-Sigma Modulator
Second-
Order
Integrator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com