Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 68Page - Microchip Technology MCP3910 Datasheet HTML 69Page - Microchip Technology MCP3910 Datasheet HTML 70Page - Microchip Technology MCP3910 Datasheet HTML 71Page - Microchip Technology MCP3910 Datasheet HTML 72Page - Microchip Technology MCP3910 Datasheet HTML 73Page - Microchip Technology MCP3910 Datasheet HTML 74Page - Microchip Technology MCP3910 Datasheet HTML 75Page - Microchip Technology MCP3910 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
MCP3910
DS20005116D-page 72
 2012-2020 Microchip Technology Inc.
bit 15
EN_CRCCOM:
CRC-16 Checksum on Serial Communications Enable bit
1
= CRC-16 checksum is provided at the end of each communication sequence (therefore, each commu-
nication is longer); the CRC-16 message is the complete communication sequence (see Section 6.9
“Securing Read Communications Through CRC-16 Checksum”
for more details)
0
= Disabled (default)
bit 14
EN_INT:
CRCREG Interrupt Function Enable bit
1
= The interrupt flag for the CRCREG checksum verification is enabled, the Data Ready pin (DR) will
become logic low and stays logic low if a CRCREG checksum error happens; this interrupt is
cleared if the LOCK[7:0] value is made equal to the PASSWORD value (0xA5)
0
= The interrupt flag for the CRCREG checksum verification is disabled (default)
bit 13-12
Reserved:
Should be kept equal to ‘0’ at all times
bit 11
EN_MDAT:
Modulator Output Enable bit
1
= MDAT0/1 outputs are enabled
0
= MDAT0/1 outputs are disabled and kept in a high-impedance state (default)
bit 10-2
Unimplemented:
Read as ‘0’
bit 1-0
DRSTATUS[1:0]:
Data Ready Status for Each Individual ADC Channel bits
DRSTATUS[n] = 1: Channel CHn data are not ready (default)
DRSTATUS[n] = 0: Channel CHn data are ready, the status bit is set back to ‘1’ after reading the
STATUSCOM register; the status bit is not set back to ‘1’ by the read of the corresponding channel
ADC data
REGISTER 9-5:
STATUSCOM: STATUS AND COMMUNICATION REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com