Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 32Page - Microchip Technology MCP3910 Datasheet HTML 33Page - Microchip Technology MCP3910 Datasheet HTML 34Page - Microchip Technology MCP3910 Datasheet HTML 35Page - Microchip Technology MCP3910 Datasheet HTML 36Page - Microchip Technology MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
MCP3910
DS20005116D-page 36
 2012-2020 Microchip Technology Inc.
5.5
ADC Output Coding
The second-order modulator, SINC3 + SINC1 filter,
PGA, VREF and the analog input structure, all work
together to produce the device transfer function for the
Analog-to-Digital conversion (see Equation 5-3).
Each channel data are calculated on 24 bits (23 bits
plus sign) and coded in two’s complement format, MSB
first. The output format can then be modified by the
WIDTH_DATA[1:0] settings in the STATUSCOM
register to allow 16, 24 or 32-bit format compatibility
(see Section 9.5 “STATUSCOM Register – Status
and Communication Register”
for more information).
In case of positive saturation (CHn+ – CHn- > VREF/1.5),
the output is locked to 7FFFFF for 24-bit mode. In case
of negative saturation (CHn+ – CHn- < -VREF/1.5), the
output code is locked to 800000 for 24-bit mode.
Equation 5-3 is only true for DC inputs. For AC inputs,
this transfer function needs to be multiplied by the
transfer function of the SINC3 + SINC1 filter (see
Equation 5-1 and Equation 5-3).
EQUATION 5-3:
For data formats other than the default 24-bit format,
Equation 5-3 should be multiplied by a scaling factor,
depending on the data format used (defined by
WIDTH_DATA[1:0]).
The data
format and the
associated scaling factors are given in Figure 5-6.
FIGURE 5-6:
Output Data Formats.
For 24-Bit Mode, WIDTH_DATA[1:0] = 01 (Default)
DATA_CHn =
(CHn+ – CHn-)
VREF+ – VREF-
 8,388.608  G  1.5
WIDTH_DATA<1:0> =
11
32-Bit with Sign Extension
DATA
[23]
DATA
[23:16]
31
0
DATA
[15:8]
DATA
[7:0]
WIDTH_DATA<1:0> =
10
32-Bit with Zeros Padded
0x00
31
0
DATA
[23:16]
DATA
[7:0]
DATA
[15:8]
WIDTH_DATA<1:0> =
01
24-Bit
DATA
[23:16]
DATA
[15:8]
DATA
[7:0]
23
0
WIDTH_DATA<1:0> =
00
16-Bit
DATA
[15:8]
15
0
DATA
[23:16]
Rounded
Unformatted ADC Data
DATA
[23:16]
DATA
[15:8]
DATA
[7:0]
23
0
x1/256
x1
x256
x1
Scaling
Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com