Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 24Page - Microchip Technology MCP3910 Datasheet HTML 25Page - Microchip Technology MCP3910 Datasheet HTML 26Page - Microchip Technology MCP3910 Datasheet HTML 27Page - Microchip Technology MCP3910 Datasheet HTML 28Page - Microchip Technology MCP3910 Datasheet HTML 29Page - Microchip Technology MCP3910 Datasheet HTML 30Page - Microchip Technology MCP3910 Datasheet HTML 31Page - Microchip Technology MCP3910 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
MCP3910
DS20005116D-page 28
 2012-2020 Microchip Technology Inc.
4.15
Dithering
In order to suppress or attenuate the Idle tones present
in any Delta-Sigma ADCs, dithering can be applied to
the ADC. Dithering is the process of adding an error to
the ADC feedback loop in order to “decorrelate” the
outputs and “break” the Idle tone’s behavior. Usually a
random or pseudorandom generator adds an analog or
digital error to the feedback loop of the Delta-Sigma
ADC in order to ensure that no tonal behavior can
happen at its outputs. This error is filtered by the feed-
back loop and typically has a zero average value, so
that the converter’s static transfer function is not dis-
turbed by the dithering process. However, the dithering
process slightly increases the noise floor (it adds noise
to the part) while reducing its tonal behavior, and thus,
improving SFDR and THD. The dithering process
scrambles the Idle tones into baseband white noise
and ensures that dynamic specs (SNR, SINAD, THD,
SFDR) are less signal-dependent. The MCP3910
incorporates a proprietary dithering algorithm on all
ADCs in order to remove Idle tones and improve THD,
which is crucial for power metering applications.
4.16
Crosstalk
Crosstalk is defined as the perturbation caused by one
ADC channel on the other ADC channel. It is a
measurement of the isolation between the two ADCs
present in the chip.
This measurement is a two-step procedure:
1.
Measure one ADC input with no perturbation on
the other ADC (ADC inputs shorted).
2.
Measure
the same ADC
input with a
perturbation sine wave signal on all the other
ADCs at a certain predefined frequency.
Crosstalk is the ratio between the output power of the
ADC when perturbation is and is not present, divided
by the power of the perturbation signal. A lower cross-
talk value implies more independence and isolation
between the two channels.
The measurement of this signal is performed under the
default conditions of MCLK = 4 MHz:
•GAIN = 1
• PRESCALE = 1
• OSR = 256
• MCLK = 4 MHz
Step 1 for CH0 Crosstalk Measurement:
• CH0+ = CH0- = AGND
• CH1+ = CH1- = AGND
Step 2 for CH0 Crosstalk Measurement:
• CH0+ = CH0- = AGND
• CH1+ – CH1- = 1.2 VP-P @ 50/60 Hz
(full-scale sine wave)
The crosstalk is then calculated with the formula in
Equation 4-10.
EQUATION 4-10:
The crosstalk slightly depends on the position of the
channels in the MCP3910 device.
4.17
PSRR
This is the ratio between a change in the power supply
voltage and the ADC output codes. It measures the
influence of the power supply voltage on the ADC
outputs.
The PSRR specification can be DC (the power supply
takes multiple DC values) or AC (the power supply is a
sine wave at a certain frequency with a certain
Common-mode). In AC, the amplitude of the sine wave
represents the change in the power supply; it is defined
in Equation 4-11.
EQUATION 4-11:
Where VOUT is the equivalent input voltage that the
output code translates to, with the ADC transfer function.
In the MCP3910 specification, AVDD varies from 2.7V to
3.6V and for AC PSRR, a 50/60 Hz sine wave is chosen,
centered around 3.0V, with a maximum 300 mV
amplitude. The PSRR specification is measured with
AVDD = DVDD.
4.18
CMRR
CMRR is the ratio between a change in the
Common-mode input voltage and the ADC output
codes. It measures the influence of the Common-mode
input voltage on the ADC outputs.
The
CMRR
specification
can
be
DC
(the
Common-mode input voltage takes multiple DC values)
or AC (the Common-mode input voltage is a sine wave
at a certain frequency with a certain Common-mode).
In AC, the amplitude of the sine wave represents the
change in the power supply; it is defined in
Equation 4-12.
EQUATION 4-12:
Where VCM = (CHn+ + CHn-)/2 is the Common-mode
input voltage and VOUT is the equivalent input voltage
that the output code translates to, with the ADC transfer
function. In the MCP3910 specification, VCM varies
from -1V to +1V.
CTalk dB

10
CH0Power
CH1Power
---------------------------------


log
=
PSRR dB

20
V
OUT
AV
DD
-------------------


log
=
CMRR dB

20
V
OUT
V
CM
-----------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com