Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 52Page - Microchip Technology MCP3910 Datasheet HTML 53Page - Microchip Technology MCP3910 Datasheet HTML 54Page - Microchip Technology MCP3910 Datasheet HTML 55Page - Microchip Technology MCP3910 Datasheet HTML 56Page - Microchip Technology MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology MCP3910 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
MCP3910
DS20005116D-page 56
 2012-2020 Microchip Technology Inc.
7.2
Two-Wire Mode Configuration
Settings
When the user wants to exclusively use the Two-Wire
Interface mode in digitally isolated applications, the
OSC2 pin should always be in a logic high state,
starting from the power-up of the part. Otherwise, the
user can change the interface mode by toggling the
OSC2/MODE pin within a POR, a Hard Reset or a
Watchdog Timer Reset; the MODE is latched when
exiting one of these three types of Reset. When the part
has entered Two-Wire mode, the entire part configura-
tion keeps its default settings (see Section 9.0
“MCP3910 Internal Registers”
for the default settings
of all internal registers), except for the configuration of
the Gain in Channel 0, the OSR and the BOOST
settings.
In Two-Wire Interface mode, the input pins,
OSR0/OSR1/BOOST/GAIN0/GAIN1, are latched on
the OSC2/MODE rising edge and should typically be
directly connected to DVDD or DGND, depending on the
desired configuration. These pins define the only
configurable settings in Two-Wire mode. If more set-
tings are required by the application, it is recommended
to use the SPI mode. The following tables describe the
configuration options for these five pins.
7.2.1
OSR1/OSR0
OSR Setting Logic pins. These inputs are Schmitt
triggered.
7.2.2
BOOST
Current Boost Setting Logic pin. This input is Schmitt
triggered.
7.2.3
GAIN1/GAIN0
Channel 0 Gain Setting Logic pins. These inputs are
Schmitt triggered.
7.3
Two-Wire Communication
Protocol
In Two-Wire mode, the SCK/MCLK pin needs to be
clocked continuously at all times for proper operation.
Any change in the clock frequency will lead to
degraded THD/SFDR specifications. The part obeys
the same timing specifications in both SPI and
Two-Wire Interface mode for the SCK/SDO pins. The
MCLK maximum input frequency is 10 MHz in
Two-Wire mode, since the converter still respects
Table 5-2 for maximum AMCLK frequency (provided
the part has entered Two-Wire mode at power-up).
Since the MCLK is divided internally, the part accepts a
wide range of duty cycles for the SCK input, provided
the serial interface timings are respected.
In Two-Wire Interface mode, communication uses
framed data sets on the SDO to output data at a fixed
data rate, synchronously with SCK, and using only one
output pin. The frame is different depending on the
device and the Oversampling Ratio (OSR) selected.
When in OSR = 64 mode, the MCP3910 frame contains
the sync bytes (16-bit), two channels of 16-bit ADC data
and a 16-bit CRC. For OSR = 128 and higher, each
frame is a group of ten bytes (80 bits) clocked by the
Serial Clock, SCK. Each frame is composed of a sync
word (two bytes), 24-bit data output words (three bytes)
for both channels and a 16-bit CRC. The sync word
comes first, followed by Channel 0 ADC output
(DATA_CH0[23:0]),
Channel
1
ADC
output
(DATA_CH1[23:0])
and
the
16-bit
CRC
(see
Figure 7-1 and Figure 7-2).
As a verification feature, the sync word contains all set-
tings coming from the five logic input pins available
(OSR0/1, GAIN0/1, BOOST) in order to provide the
user with the information about this configuration. It
also provides information about the count of the frame
through bits, CNT0/1, which is useful when the SDO is
multiplexed at the output of the digital isolators (see
next paragraph). The sync word also contains an addi-
tional sync byte (fixed at the 0xA5 value) for additional
security in synchronization and communication.
TABLE 7-1:
OSR SETTINGS
OSR1
OSR0
OSR
00
64
01
128
10
256
11
512
TABLE 7-2:
CURRENT BOOST SETTINGS
BOOST Pin
Boost
0
0.5x
1
1x
TABLE 7-3:
CHANNEL 0 GAIN SETTINGS
GAIN1
GAIN0
CH0 PGA GAIN
00
1
01
8
10
16
11
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com