Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology MCP3910 Datasheet HTML 45Page - Microchip Technology MCP3910 Datasheet HTML 46Page - Microchip Technology MCP3910 Datasheet HTML 47Page - Microchip Technology MCP3910 Datasheet HTML 48Page - Microchip Technology MCP3910 Datasheet HTML 49Page - Microchip Technology MCP3910 Datasheet HTML 50Page - Microchip Technology MCP3910 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 47
MCP3910
6.4
Writing to the Device
The first register written from the SDI pin to the device
is the one defined by the Address bits (A[4:0]) given in
the control byte. After this first register is fully
transmitted, if the CS pin is maintained logic low, the
communication continues without an additional control
byte and the SDI pin transmits another register with the
address automatically incremented.
Two different Write mode configurations for the
address increment can be defined through the WRITE
bit in the STATUSCOM register (see Section 6.5
“Continuous Communications, Looping on Regis-
ter Sets”
and Table 9-2). The SDO pin stays in a
high-impedance state during a write communication.
The data on SDI are clocked into the MCP3910 on the
rising edge of SCK. The writing format for each register
is defined in Section 5.5 “ADC Output Coding”. A
write on an undefined or non-writable address, such as
the ADC channel’s register addresses, will have no
effect nor will it increment the address counter.
FIGURE 6-4:
Write to a Single Register with 24-Bit Format (WIDTH_CRC = 0, SPI Mode 1,1).
FIGURE 6-5:
Write to a Single Register with 24-Bit Format (WIDTH_CRC = 0, SPI Mode 0,0).
WRITE Communication (SPI mode 1,1)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
Device latches SDI on rising edge
R/W
Don’t
care
DATA<0>
High Z
WRITE Communication (SPI mode 0,0)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
Device latches SDI on rising edge
Don’t care
DATA<23>
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com