Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 71Page - Microchip Technology MCP3910 Datasheet HTML 72Page - Microchip Technology MCP3910 Datasheet HTML 73Page - Microchip Technology MCP3910 Datasheet HTML 74Page - Microchip Technology MCP3910 Datasheet HTML 75Page - Microchip Technology MCP3910 Datasheet HTML 76Page - Microchip Technology MCP3910 Datasheet HTML 77Page - Microchip Technology MCP3910 Datasheet HTML 78Page - Microchip Technology MCP3910 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 75
MCP3910
9.7
CONFIG1 Register –
Configuration Register 1
Name
Bits
Address
Cof
CONFIG1
24
0x0E
R/W
REGISTER 9-7:
CONFIG1: CONFIGURATION REGISTER 1
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
RESET[1]
RESET[0]
bit 23
bit 16
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
SHUTDOWN[1] SHUTDOWN[0]
bit 15
bit 8
R/W-0
R/W-1
U-0
U-0
U-0
U-0
U-0
U-0
VREFEXT
CLKEXT
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-18
Unimplemented:
Read as ‘0’
bit 17-16
RESET[1:0]:
Soft Reset Mode Setting for Each Individual ADC bits
1
= Channel CHn is in Soft Reset mode
0
= Channel CHn is not in Soft Reset mode
bit 15-10
Unimplemented:
Read as ‘0’
bit 9-8
SHUTDOWN[1:0]:
Shutdown Mode Setting for Each Individual ADC bits
1
= ADC Channel is in Shutdown mode
0
= ADC Channel is not in Shutdown mode
bit 7
VREFEXT:
Internal Voltage Reference Selection bit
1
= Internal voltage reference disabled; an external reference voltage needs to be applied across the
REFIN+/- pins; the analog power consumption (AIDD) is slightly diminished in this mode since the
internal voltage reference is placed into Shutdown mode
0
= Internal reference enabled; for optimal accuracy, the REFIN+/OUT pin needs proper decoupling
capacitors, REFIN- pin should be connected to AGND when in this mode
bit 6
CLKEXT:
Internal Clock Selection bit
1
= MCLK is generated externally and should be provided on the OSC1 pin; the crystal oscillator is
disabled and consumes no current (default)
0
= Crystal oscillator is enabled; a crystal must be placed between OSC1 and OSC2 with proper
decoupling capacitors; the digital power consumption (DIDD) is increased in this mode due to the
oscillator
bit 5-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com