Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 35Page - Microchip Technology MCP3910 Datasheet HTML 36Page - Microchip Technology MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology MCP3910 Datasheet HTML 42Page - Microchip Technology MCP3910 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 39
MCP3910
5.7
Power-on Reset (POR)
The MCP3910 contains an internal POR circuit that
monitors both analog and digital supply voltages during
operation. The typical threshold for a power-up event
detection is 2.0V, ±5%, and a typical start-up time (tPOR)
of 50 µs. The POR circuit has a built-in hysteresis for
improved transient spike immunity that has a typical
value of 200 mV. Proper decoupling capacitors (0.1 µF
ceramic and 10 µF) should be mounted as close as
possible to the AVDD and DVDD pins, providing
additional transient immunity.
Figure 5-8 illustrates the different conditions at a
power-up and a power-down event under typical
conditions. All internal DC biases are settled at least
1 ms after system POR, under worst-case conditions.
Any data ready pulse occurring within 1 ms, plus the
SINC filter settling time after system Reset, should be
ignored to ensure proper accuracy. After POR, data
ready pulses are present at the pin with all the default
conditions in the Configuration registers.
Both AVDD and DVDD are monitored, so either power
supply can sequence first.
FIGURE 5-8:
Power-on Reset Operation.
Note:
In order to ensure a proper power-up
sequence, the ramp rate of DVDD should
not exceed 3V/µs when coming out of the
POR state.
Additionally, the user should try to lower
the DVDD residual voltage as close to 0V
as possible when the device is kept in a
POR state (below DVDD POR threshold)
for a long time to ensure a proper
power-up sequence. The user can verify if
the
power-up
sequence
has
been
correctly performed by reading the default
state of all the registers in the register map
right after powering up the device. If one
or more of the registers do not show the
proper default settings when being read, a
new power-up cycle should be launched
to recover from this condition.
POR
State
Power-up
Normal
POR
State
Biases are
unsettled.
Conversions
started here may
not be accurate.
Biases are settled.
Conversions started
here are accurate.
Analog Biases
Settling Time
SINC Filter
Settling
Time
Voltage
(AVDD, DVDD)
Time
POR Threshold Up
(2.0V typical)
(1.8V typical)
tPOR
Operation
Any data read pulse
occurring during this time
can yield inaccurate output
data. It is recommended to
discard them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com