Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 25Page - Microchip Technology MCP3910 Datasheet HTML 26Page - Microchip Technology MCP3910 Datasheet HTML 27Page - Microchip Technology MCP3910 Datasheet HTML 28Page - Microchip Technology MCP3910 Datasheet HTML 29Page - Microchip Technology MCP3910 Datasheet HTML 30Page - Microchip Technology MCP3910 Datasheet HTML 31Page - Microchip Technology MCP3910 Datasheet HTML 32Page - Microchip Technology MCP3910 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 29
MCP3910
4.19
ADC Reset Mode
ADC Reset mode (also called Soft Reset mode) can
only be entered in SPI mode through setting the
RESET[1:0] bits high in the CONFIG1 register. This
mode is defined as the condition where the converters
are active, but their output is forced to ‘0’.
The registers are not affected in this Reset mode and
retain their state, except the data registers of the
corresponding channel, which are reset to ‘0’.
The ADCs can immediately output meaningful codes
after leaving the Reset mode (and after the SINC filter
settling time). This mode is both entered and exited
through bit settings in the CONFIG1 register.
Each converter can be placed in Soft Reset mode
independently. The Configuration registers are not
modified by the Soft Reset mode. A data ready pulse
will not be generated by any ADC in Reset mode.
When an ADC exits ADC Reset mode, any phase delay
present before Reset was entered will still be present. If
one ADC was not in Reset, the ADC leaving the Reset
mode will automatically resynchronize the phase delay
relative to the other ADC channel per the Phase Delay
register block and will give data ready pulses accordingly.
If an ADC is placed in Reset mode while the other is
converting, it does not shut down the internal clock.
When coming out of Reset, it will be automatically
resynchronized with the clock, which did not stop
during Reset.
However, when the two channels are in Soft Reset, the
input structure is still clocking if MCLK is applied in
order to properly bias the inputs, so that no leakage
current is observed. If MCLK is not applied, large
analog input leakage currents can be observed for
highly negative input voltages (typically, below -0.6V,
referred to as AGND).
4.20
Hard Reset Mode (RESET = 0)
This mode is only available during a POR or when the
RESET pin is pulled low in SPI mode. The RESET pin
logic low state places the device in Hard Reset mode.
In this mode, all internal registers are reset to their
default state. In the Two-Wire Interface mode, the
RESET pin functionality is not available and the user
must use a Watchdog Timer Reset to be able to fully
reset the part (see Section 7.4 “Watchdog Timer
Reset, Resetting the Part in Two-Wire Mode”
).
The DC biases for the analog blocks are still active (i.e.,
the MCP3910 is ready to convert). However, this pin
clears all conversion data in the ADCs. The comparators’
outputs of all ADCs are forced to their Reset state
(‘0011’). The SINC filters are all reset, as well as their
double-output buffers. See serial timing for minimum
pulse low time in Section 1.0 “Electrical Characteris-
tics”
. During a Hard Reset, no communication with the
part is possible. The digital interface is maintained in a
Reset state.
During this state, the clock MCLK can be applied to the
part in order to properly bias the input structures of all
channels. If not applied, large analog input leakage cur-
rents can be observed for highly negative input signals
and, after removing the Hard Reset state, a certain
start-up time is necessary to bias the input structure
properly. During this delay, the ADC conversions can
be inaccurate.
4.21
ADC Shutdown Mode
ADC Shutdown mode is defined as a state where the
converters and their biases are off, consuming only
leakage current. When the SHUTDOWN bit is reset to
‘0’, the analog biases will be enabled, as well as the
clock and the digital circuitry. The ADC will give a data
ready pulse after the SINC filter settling time has
occurred. However, since the analog biases are not
completely settled at the beginning of the conversion,
the sampling may not be accurate for about 1 ms (cor-
responding to the settling time of the biasing under
worst-case conditions). In order to ensure accuracy,
the data ready pulse within the delay of 1 ms + settling
time of the SINC filter should be discarded.
Each converter can be placed in Shutdown mode
independently. The Configuration registers are not
modified by the Shutdown mode. This mode is only
available in SPI mode through programming the
SHUTDOWN[1:0] bits of the CONFIG1 register.
The output data are flushed to all zeros while in ADC
Shutdown mode. No data ready pulses are generated
by any ADC while in ADC Shutdown mode.
When an ADC exits ADC Shutdown mode, any phase
delay present before Shutdown was entered will still be
present. If one ADC was not in Shutdown, the ADC
leaving Shutdown mode will automatically resynchro-
nize the phase delay, relative to the other ADC
channel, per the Phase Delay register block and will
give data ready pulses accordingly.
If an ADC is placed in Shutdown mode while the other
is converting, it is not shutting down the internal clock.
When coming out of shutdown, it will be automatically
resynchronized with the clock that did not stop during
Reset.
If all ADCs are in ADC Shutdown mode, the clock is not
distributed to the input structure or to the digital core for
low-power operation. This can potentially cause high
analog input leakage currents at the analog inputs if the
input voltage is highly negative (typically, below -0.6V,
referred to as AGND). Once either of the ADCs is back
to normal operation, the clock is automatically distributed
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com