Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 34Page - Microchip Technology MCP3910 Datasheet HTML 35Page - Microchip Technology MCP3910 Datasheet HTML 36Page - Microchip Technology MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology MCP3910 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
MCP3910
DS20005116D-page 38
 2012-2020 Microchip Technology Inc.
5.6
Voltage Reference
5.6.1
INTERNAL VOLTAGE REFERENCE
The MCP3910 contains an internal voltage reference
source specially designed to minimize drift over
temperature. In order to enable the internal voltage
reference, the VREFEXT bit in the CONFIG1 register
must be set to ‘0’ (default mode). This internal VREF
supplies reference voltage to all channels. The typical
value of this voltage reference is 1.2V, ±2%. The
internal reference has a very low typical temperature
coefficient of ±9 ppm/°C, allowing the output to have
minimal variation with respect to temperature, since it
is proportional to (1/VREF).
The noise of the internal voltage reference is low
enough not to significantly degrade the SNR of the
ADC if compared to a precision external low noise
voltage reference. The output pin for the internal
voltage reference is REFIN+/OUT.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues due to the antenna
created by the REFIN+/OUT pin, if left floating.
The bypass capacitors also help in applications where
the voltage reference output is connected to other
circuits. In this case, additional buffering may be
needed, since the output drive capability of this output
is low.
Adding too much capacitance on the REFIN+/OUT pin
may slightly degrade the THD performance of the
ADCs.
5.6.2
DIFFERENTIAL EXTERNAL
VOLTAGE INPUTS
When the VREFEXT bit is set to ‘1’, the two reference
pins (REFIN+/OUT, REFIN-) become a differential volt-
age reference input. The voltage at the REFIN+/OUT is
noted VREF+ and the voltage at the REFIN- pin is noted
VREF-. The differential voltage input value is given by
Equation 5-4.
EQUATION 5-4:
The specified VREF range is from 1.1V to 1.3V. The
REFIN- pin voltage (VREF-) should be limited to ±0.1V,
with respect to AGND. Typically, for single-ended refer-
ence applications, the REFIN- pin should be directly
connected to AGND with its own separate track to avoid
any spike due to switching noise.
5.6.3
TEMPERATURE COMPENSATION
(VREFCAL[7:0])
The internal voltage reference consists of a proprietary
circuit and algorithm to compensate first-order and
second-order temperature coefficients. The compensa-
tion enables very low-temperature coefficients (typically,
9 ppm/°C) on the entire range of temperatures, from
-40°C to +125°C. This temperature coefficient varies
from part to part.
This temperature coefficient can be adjusted on each
part through the VREFCAL[7:0] bits present in the
CONFIG0 register (bits 7 to 0). These register settings
are only for advanced users. VREFCAL[7:0] should not
be modified unless the user wants to calibrate the
temperature coefficient of the whole system or applica-
tion. The default value of this register is set to 0x50. This
value was chosen to optimize the standard deviation of
the tempco across process variation. The value can be
slightly improved to around 7 ppm/°C if the VREFCAL[7:0]
are written at 0x42, but this setting degrades the standard
deviation of the VREF tempco. The typical variation of the
temperature coefficient of the internal voltage reference,
with respect to the VREFCAL register code, is given by
Figure 5-7. Modifying the
value
stored
in the
VREFCAL[7:0] bits may also vary the voltage reference,
in addition to the temperature coefficient.
FIGURE 5-7:
VREF Tempco vs.
VREFCAL[7:0] Trim Code Chart.
5.6.4
VOLTAGE REFERENCE BUFFERS
Each channel includes a voltage reference buffer tied
to the REFIN+/OUT pin, which allows the device to
properly charge the internal capacitors with the voltage
reference signals, even in the case of an external
voltage reference connection with weak load regulation
specifications. This ensures that the correct amount of
current is sourced to each channel to ensure their
accuracy specifications, and diminishes the constraints
on the voltage reference load regulation.
VREF =VREF+– VREF-
0
10
20
30
40
50
60
0
64
128
192
256
VREFCAL Register Trim Code (decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com