Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 69Page - Microchip Technology MCP3910 Datasheet HTML 70Page - Microchip Technology MCP3910 Datasheet HTML 71Page - Microchip Technology MCP3910 Datasheet HTML 72Page - Microchip Technology MCP3910 Datasheet HTML 73Page - Microchip Technology MCP3910 Datasheet HTML 74Page - Microchip Technology MCP3910 Datasheet HTML 75Page - Microchip Technology MCP3910 Datasheet HTML 76Page - Microchip Technology MCP3910 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 73
MCP3910
9.6
CONFIG0 Register –
Configuration Register 0
Name
Bits
Address
Cof
CONFIG0
24
0x0D
R/W
REGISTER 9-6:
CONFIG0: CONFIGURATION REGISTER 0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
EN_OFFCAL EN_GAINCAL DITHER[1]
DITHER[0]
BOOST[1]
BOOST[0]
PRE[1]
PRE[0]
bit 23
bit 16
R/W-0
R/W-1
R/W-1
U-0
U-0
U-0
U-0
U-0
OSR[2]
OSR[1]
OSR[0]
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
VREFCAL[7] VREFCAL[6] VREFCAL[5] VREFCAL[4] VREFCAL[3] VREFCAL[2]
VREFCAL[1]
VREFCAL[0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23
EN_OFFCAL:
24-Bit Digital Offset Error Calibration on All Channels Enable bit
1
= Enabled, this mode does not add any group delay to the ADC data
0
= Disabled (default)
bit 22
EN_GAINCAL:
24-Bit Digital Gain Error Calibration on All Channels Enable/Disable bit
1
= Enabled, this mode adds a group delay on all channels of 24 DMCLK periods; all data ready pulses
are delayed by 24 DMCLK clock periods compared to the mode with EN_GAINCAL = 0
0
= Disabled (default)
bit 21-20
DITHER[1:0]:
Dithering Circuit Control for Idle Tones Cancellation, Improved THD on All Channels bits
11
= Dithering on, Strength = Maximum (default)
10
= Dithering on, Strength = Medium
01
= Dithering on, Strength = Minimum
00
= Dithering turned off
bit 19-18
BOOST[1:0]:
Bias Current Selection for All ADCs bits
(impacts achievable maximum sampling speed, see Table 5-2)
11
= All channels have current x 2
10
= All channels have current x 1 (default)
01
= All channels have current x 0.66
00
= All channels have current x 0.5
bit 17-16
PRE[1:0]
Analog Master Clock (AMCLK) Prescaler Value bits
11
= AMCLK = MCLK/8
10
= AMCLK = MCLK/4
01
= AMCLK = MCLK/2
00
= AMCLK = MCLK (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com